Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL8843 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL8843
Description  Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8843 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8843 Datasheet HTML 2Page - Intersil Corporation ISL8843 Datasheet HTML 3Page - Intersil Corporation ISL8843 Datasheet HTML 4Page - Intersil Corporation ISL8843 Datasheet HTML 5Page - Intersil Corporation ISL8843 Datasheet HTML 6Page - Intersil Corporation ISL8843 Datasheet HTML 7Page - Intersil Corporation ISL8843 Datasheet HTML 8Page - Intersil Corporation ISL8843 Datasheet HTML 9Page - Intersil Corporation ISL8843 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9238.0
October 19, 2005
Long Term Stability
TA = 125°C, 1000 hours (Note 8)
-
5
-
mV
Current Limit, Sourcing
-20
-
-
mA
Current Limit, Sinking
5-
-
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
CS Offset Voltage
VCS = 0V (Note 8)
95
100
105
mV
COMP to PWM Comparator Offset Voltage
VCS = 0V (Note 8)
0.80
1.15
1.30
V
Input Signal, Maximum
0.97
1.00
1.03
V
Gain, ACS = ∆VCOMP/∆VCS
0 < VCS < 910mV, VFB = 0V
2.5
3.0
3.5
V/V
CS to OUT Delay
-35
60
ns
ERROR AMPLIFIER
Open Loop Voltage Gain
(Note 8)
60
90
-
dB
Unity Gain Bandwidth
(Note 8)
1.0
1.5
-
MHz
Reference Voltage
VFB = VCOMP
2.460
2.500
2.535
V
FB Input Bias Current
VFB = 0V
-1.0
-0.2
1.0
µA
COMP Sink Current
VCOMP = 1.5V, VFB = 2.7V
1.0
-
-
mA
COMP Source Current
VCOMP = 1.5V, VFB = 2.3V
-0.4
-
-
mA
COMP VOH
VFB = 2.3V
4.80
-
VREF
V
COMP VOL
VFB = 2.7V
0.4
-
1.0
V
PSRR
Frequency = 120Hz, VDD = 12V to
18V (Note 8)
60
80
-
dB
OSCILLATOR
Frequency Accuracy
Initial, TA = 25°C
485153
kHz
Frequency Variation with VDD
TA = 25°C, (F30V - F9V)/F30V
-0.2
1.0
%
Temperature Stability
(Note 8)
-
-
5
%
Amplitude, Peak to Peak
Static Test
-
1.75
-
V
RTCT Discharge Voltage (Valley Voltage)
Static Test
-
1.0
-
V
Discharge Current
RTCT = 2.0V
6.2
8.0
8.5
mA
OUTPUT
Gate VOH
VDD - OUT, IOUT = -200mA
-
1.0
2.0
V
Gate VOL
OUT - GND, IOUT = 200mA
-
1.0
2.0
V
Peak Output Current
COUT = 1nF (Note 8)
-
1.0
-
A
Rise Time
COUT = 1nF (Note 8)
-
20
40
ns
Fall Time
COUT = 1nF (Note 8)
-
20
40
ns
GATE VOL UVLO Clamp Voltage
VDD = 5V, ILOAD = 1mA
-
-
1.2
V
PWM
Maximum Duty Cycle
COMP = VREF
93.5
95
-
%
Minimum Duty Cycle
COMP = GND
-
-
0
%
NOTES:
6. Specifications at -55°C and 125°C are guaranteed by 25°C test with margin limits.
7. This is the VDD current consumed when the device is active but not switching. Does not include gate drive current.
8. Guaranteed by design, not 100% tested in production.
Electrical Specifications
ISL8843M - Recommended operating conditions unless otherwise noted. Refer to Block Diagram and
Typical Application schematic. VDD = 15V, RT = 10kΩ, CT = 3.3nF, TA = -55 to 125°C (Note 6), Typical values
are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL8843


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6842Improved Industry Standard Single Ended Current Mode PWM Controller 1 2 3 4 5 MoreIntersil Corporation
HV9605CHigh Voltage Current Mode PWM Controller 1 2 3 4 5 Supertex, Inc
UC1848Average Current Mode PWM Controller 1 2 3 4 5 MoreTexas Instruments
CS51021Enhanced Current Mode PWM Controller 1 2 3 4 5 MoreCherry Semiconductor Corporation
DBL3842CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreDaewoo Semiconductor
SG1844CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreMicrosemi Corporation
NCP1212Current Mode PWM Controller for Both Forward and Flyback Converters 1 2 3 4 5 MoreON Semiconductor
LM5021AC-DC Current Mode PWM Controller 1 2 3 4 5 MoreNational Semiconductor (TI)
TC170CMOS Current Mode PWM Controller 1 2 3 4 5 MoreMicrochip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn