Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL8843 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL8843
Description  Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8843 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8843 Datasheet HTML 1Page - Intersil Corporation ISL8843 Datasheet HTML 2Page - Intersil Corporation ISL8843 Datasheet HTML 3Page - Intersil Corporation ISL8843 Datasheet HTML 4Page - Intersil Corporation ISL8843 Datasheet HTML 5Page - Intersil Corporation ISL8843 Datasheet HTML 6Page - Intersil Corporation ISL8843 Datasheet HTML 7Page - Intersil Corporation ISL8843 Datasheet HTML 8Page - Intersil Corporation ISL8843 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN9238.0
October 19, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +30.0V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
ESD Classification
Human Body Model (Per JESD22-A114C.01) . . . . . . . . . . .2000V
Machine Model (Per EIA/JESD22-A115-A) . . . . . . . . . . . . . .200V
Charged Device Model (Per JESD22-C191-A) . . . . . . . . . .1000V
Operating Conditions
Temperature Range
ISL8843AxZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 105°C
ISL8843MxZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to 125°C
Supply Voltage Range (Typical)
ISL8843 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V - 30V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
Maximum Junction Temperature . . . . . . . . . . . . . . . . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC, MSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are with respect to GND.
Electrical Specifications
ISL8843A - Recommended operating conditions unless otherwise noted. Refer to Block Diagram and
Typical Application schematic. VDD = 15V, RT = 10kΩ, CT = 3.3nF, TA = -40 to 105°C (Note 3) Typical values
are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold
8.0
8.4
9.0
V
STOP Threshold
7.3
7.6
8.0
V
Hysteresis
-0.8
-
V
Startup Current, IDD
VDD < START Threshold
-
90
125
µA
Operating Current, IDD
(Note 4)
-
2.9
4.0
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.75
5.5
mA
REFERENCE VOLTAGE
Overall Accuracy
Over line (VDD = 12V to 18V), load,
temperature
4.925
5.000
5.050
V
Long Term Stability
TA = 125°C, 1000 hours (Note 5)
-
5
-
mV
Current Limit, Sourcing
-20
-
-
mA
Current Limit, Sinking
5-
-
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
CS Offset Voltage
VCS = 0V (Note 5)
95
100
105
mV
COMP to PWM Comparator Offset Voltage
VCS = 0V (Note 5)
0.80
1.15
1.30
V
Input Signal, Maximum
0.97
1.00
1.03
V
Gain, ACS = ∆VCOMP/∆VCS
0 < VCS < 910mV, VFB = 0V
2.5
3.0
3.5
V/V
CS to OUT Delay
-35
55
ns
ERROR AMPLIFIER
Open Loop Voltage Gain
(Note 5)
60
90
-
dB
Unity Gain Bandwidth
(Note 5)
1.0
1.5
-
MHz
Reference Voltage
VFB = VCOMP
2.475
2.500
2.530
V
ISL8843


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6842Improved Industry Standard Single Ended Current Mode PWM Controller 1 2 3 4 5 MoreIntersil Corporation
HV9605CHigh Voltage Current Mode PWM Controller 1 2 3 4 5 Supertex, Inc
UC1848Average Current Mode PWM Controller 1 2 3 4 5 MoreTexas Instruments
CS51021Enhanced Current Mode PWM Controller 1 2 3 4 5 MoreCherry Semiconductor Corporation
DBL3842CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreDaewoo Semiconductor
SG1844CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreMicrosemi Corporation
NCP1212Current Mode PWM Controller for Both Forward and Flyback Converters 1 2 3 4 5 MoreON Semiconductor
LM5021AC-DC Current Mode PWM Controller 1 2 3 4 5 MoreNational Semiconductor (TI)
TC170CMOS Current Mode PWM Controller 1 2 3 4 5 MoreMicrochip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn