Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6729IB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6729IB
Description  Low-Cost Single-Ended Current-Mode PWM for Microcontroller Based Power Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6729IB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6729IB Datasheet HTML 1Page - Intersil Corporation ISL6729IB Datasheet HTML 2Page - Intersil Corporation ISL6729IB Datasheet HTML 3Page - Intersil Corporation ISL6729IB Datasheet HTML 4Page - Intersil Corporation ISL6729IB Datasheet HTML 5Page - Intersil Corporation ISL6729IB Datasheet HTML 6Page - Intersil Corporation ISL6729IB Datasheet HTML 7Page - Intersil Corporation ISL6729IB Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +6.5V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.5V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2000V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range
ISL6729Ix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 105°C
Supply Voltage Range (Typical)
ISL6729 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V-5.25V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
Maximum Junction Temperature . . . . . . . . . . . . . . . . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC- Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. VDD = 5V, CLK = 50kHz, TA = -40 to 105°C (Note 3), Typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold
4.15
4.50
4.75
V
STOP Threshold
4.00
4.30
4.60
Hysteresis
-0.2
-
V
Start-Up Current, IDD
VDD < START Threshold
-
420
800
µA
Operating Current, IDD
(Note 4)
-
3.3
5.5
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.1
6.0
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
CS Offset Voltage
VCS = 0V (Note 5)
95
100
105
mV
COMP to PWM Comparator Offset Voltage
VCS = 0V (Note 5)
0.80
1.15
1.30
V
CS Input Signal, Maximum
0.91
0.97
1.03
V
Gain, ACS = ∆VCOMP/∆VCS
0 < VCS < 910mV, VFB = 0V. (Note 5)
2.5
3.0
3.5
V/V
CS to OUT Delay
(Note 5)
-
25
40
ns
CLOCK
Input High Voltage Level, VIH
-
2.8
-
V
Input Low Voltage Level, VIL
-
2.7
-
V
Maximum Clock Rate
(Note 5)
2
-
-
MHz
OUTPUT
Gate VOH
VDD - OUT, IOUT = -200mA
-
1.0
2.0
V
Gate VOL
OUT - GND, IOUT = 200mA
-
1.0
2.0
V
Peak Output Current
COUT = 1nF (Note 5)
1.0
-
-
A
Rise Time
COUT = 1nF (Note 5)
-
20
40
ns
Fall Time
COUT = 1nF (Note 5)
-
20
40
ns
ISL6729


Similar Part No. - ISL6729IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6729IBZ RENESAS-ISL6729IBZ Datasheet
454Kb / 8P
   Low-Cost, Single-Ended, Current-Mode PWM for Microcontroller Based Power Converters
More results

Similar Description - ISL6729IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6729 RENESAS-ISL6729 Datasheet
454Kb / 8P
   Low-Cost, Single-Ended, Current-Mode PWM for Microcontroller Based Power Converters
logo
Unisonic Technologies
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3873 UTC-UC3873 Datasheet
375Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3846 UTC-UC3846 Datasheet
324Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3837 UTC-UC3837 Datasheet
366Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
E-Tech Electronics LTD
UC3856 ETL-UC3856 Datasheet
257Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com