Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33267 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC33267
Description  LOW DROPOUT REGULATOR with POWER-UP RESET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33267 Datasheet(HTML) 6 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC33267
6
MOTOROLA ANALOG IC DEVICE DATA
T SUFFIX
PLASTIC PACKAGE
CASE 314D–03
(TO–220 TYPE)
ISSUE D
TV SUFFIX
PLASTIC PACKAGE
CASE 314B–05
(TO–220 TYPE)
ISSUE J
OUTLINE DIMENSIONS
V
Q
K
F
U
A
B
G
–P–
M
0.10 (0.254)
P M
T
5X
J
M
0.24 (0.610)
T
OPTIONAL
CHAMFER
S
L
W
E
C
H
N
–T–
SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 0.043 (1.092) MAXIMUM.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613
14.529
15.570
B
0.390
0.415
9.906
10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
F
0.850
0.935
21.590
23.749
G
0.067 BSC
1.702 BSC
H
0.166 BSC
4.216 BSC
J
0.015
0.025
0.381
0.635
K
0.900
1.100
22.860
27.940
L
0.320
0.365
8.128
9.271
N
0.320 BSC
8.128 BSC
Q
0.140
0.153
3.556
3.886
S
–––
0.620
–––
15.748
U
0.468
0.505
11.888
12.827
V
–––
0.735
–––
18.669
W
0.090
0.110
2.286
2.794
5X
D
–Q–
12 34 5
U
K
D
G
S
A
B
5 PL
J
H
L
E
C
M
Q
M
0.356 (0.014)
T
SEATING
PLANE
–T–
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613
14.529
15.570
B
0.390
0.415
9.906
10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
G
0.067 BSC
1.702 BSC
H
0.087
0.112
2.210
2.845
J
0.015
0.025
0.381
0.635
K
1.020
1.065
25.908
27.051
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
U
0.105
0.117
2.667
2.972
S
0.543
0.582
13.792
14.783
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TA8004AS5V LOW DROPOUT REGULATOR WITH RESET TIMER 1 2 3 4 5 MoreToshiba Semiconductor
CS81515V 100mA Low Dropout Linear Regulator with WATCHDOG RESET & WAKE UP 1 2 3 4 5 MoreCherry Semiconductor Corporation
NJM2801Low Dropout Voltage Regulator with Reset 1 2 3 4 New Japan Radio
CS8151C5V 100mA Low Dropout Linear Regulator with Watchdog RESET & Wake Up 1 2 3 4 5 MoreCherry Semiconductor Corporation
LM2826Low Dropout Regulator with Delayed Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2925Low Dropout Regulator with Delayed Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2926Low Dropout Regulator with Delayed Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
NJM2806Low Dropout Voltage Regulator with Reset 1 2 3 4 5 New Japan Radio
CS83615V Dual Micropower Low Dropout Regulator with ENABLE and RESET 1 2 3 4 5 MoreCherry Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn