Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1731468 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 1731468
Description  PCB terminal block - SPT 2,5/ 1-V-5,0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731468 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1731468 Datasheet HTML 1Page - PHOENIX CONTACT 1731468 Datasheet HTML 2Page - PHOENIX CONTACT 1731468 Datasheet HTML 3Page - PHOENIX CONTACT 1731468 Datasheet HTML 4Page - PHOENIX CONTACT 1731468 Datasheet HTML 5Page - PHOENIX CONTACT 1731468 Datasheet HTML 6Page - PHOENIX CONTACT 1731468 Datasheet HTML 7Page - PHOENIX CONTACT 1731468 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1731468
01/10/2020   Page 2 / 8
PCB terminal block - SPT 2,5/ 1-V-5,0 - 1731468
Technical data
Electrical parameters
Nom. voltage
400 V
Connection capacity
Connection method
Push-in spring connection
Conductor cross section solid
0.2 mm² ... 4 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG / kcmil
24 ... 12
Conductor cross section flexible, with ferrule without plastic sleeve
0.25 mm² ... 2.5 mm² (Stripping length 8 mm)
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 1.5 mm² (Stripping length 8 mm)
Stripping length
10 mm
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
hot-dip tin-plated
Metal surface terminal point (top layer)
Tin (4 - 8 µm Sn)
Metal surface soldering area (top layer)
Tin (4 - 8 µm Sn)
Material data - housing
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Dimensions for the product
Length [ l ]
13.5 mm
Width [ w ]
6.4 mm
Height [ h ]
16.9 mm
Pitch
5 mm
Height (without solder pin)
14.4 mm
Solder pin [P]
2.5 mm
Pin spacing
8.2 mm
Pin dimensions
0.8 x 0.8 mm
Dimensions for PCB design
Hole diameter
1.1 mm
Pin spacing
8.2 mm
Packaging information
Type of packaging
packed in cardboard


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn