Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1731468 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1731468
Description  PCB terminal block - SPT 2,5/ 1-V-5,0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731468 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1731468 Datasheet HTML 1Page - PHOENIX CONTACT 1731468 Datasheet HTML 2Page - PHOENIX CONTACT 1731468 Datasheet HTML 3Page - PHOENIX CONTACT 1731468 Datasheet HTML 4Page - PHOENIX CONTACT 1731468 Datasheet HTML 5Page - PHOENIX CONTACT 1731468 Datasheet HTML 6Page - PHOENIX CONTACT 1731468 Datasheet HTML 7Page - PHOENIX CONTACT 1731468 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1731468
01/10/2020   Page 1 / 8
PCB terminal block - SPT 2,5/ 1-V-5,0 - 1731468
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, Nominal cross section: 2.5 mm², pitch:
5 mm, number of positions: 1, connection method: Push-in spring connection, mounting: Wave soldering,
conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear double pinning, Solder pin [P]: 2.5
mm
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Clamping space opened by means of fixed screwdriver enables convenient conductor connection
 Operation and conductor connection from one direction enable integration into front of device
 Two solder pins reduce the mechanical strain on the soldering spots
Key Commercial Data
Packing unit
250 pc
GTIN
GTIN
4046356158329
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
SPT 2,5/..-V
Pitch
5 mm
Number of positions
1
Connection method
Push-in spring connection
Mounting type
Wave soldering
Pin layout
Linear double pinning
Number of levels
1
Number of connections
1
Number of potentials
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn