Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1731468 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part No. 1731468
Description  PCB terminal block - SPT 2,5/ 1-V-5,0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731468 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1731468 Datasheet HTML 1Page - PHOENIX CONTACT 1731468 Datasheet HTML 2Page - PHOENIX CONTACT 1731468 Datasheet HTML 3Page - PHOENIX CONTACT 1731468 Datasheet HTML 4Page - PHOENIX CONTACT 1731468 Datasheet HTML 5Page - PHOENIX CONTACT 1731468 Datasheet HTML 6Page - PHOENIX CONTACT 1731468 Datasheet HTML 7Page - PHOENIX CONTACT 1731468 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1731468
01/10/2020   Page 7 / 8
PCB terminal block - SPT 2,5/ 1-V-5,0 - 1731468
Approvals
Approvals
CCA / IECEE CB Scheme / SEV / EAC / cULus Recognized
Ex Approvals
Approval details
CCA 
 
 IK-2956
 
 
Nominal voltage UN
250 V
Nominal current IN
24 A
mm²/AWG/kcmil
2.5
IECEE CB Scheme 
 http://www.iecee.org/
 CH-7429
 
 
Nominal voltage UN
250 V
Nominal current IN
24 A
mm²/AWG/kcmil
2.5
SEV 
  https://www.electrosuisse.ch/de/meta/shop/produktezertifikate.html
 IK-3150
 
 
Nominal voltage UN
250 V
Nominal current IN
24 A
mm²/AWG/kcmil
2.5
EAC 
 
 B.01742
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-20061129
 
B
D
Nominal voltage UN
300 V
150 V
Nominal current IN
20 A
15 A
mm²/AWG/kcmil
24-12
24-12


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn