Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33264 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33264
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33264 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33264 Datasheet HTML 1Page - ON Semiconductor MC33264 Datasheet HTML 2Page - ON Semiconductor MC33264 Datasheet HTML 3Page - ON Semiconductor MC33264 Datasheet HTML 4Page - ON Semiconductor MC33264 Datasheet HTML 5Page - ON Semiconductor MC33264 Datasheet HTML 6Page - ON Semiconductor MC33264 Datasheet HTML 7Page - ON Semiconductor MC33264 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC33264
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 7. Regulator Output Voltage Trim
Vin
Vout
3.0, 3.3 or 5.0 V
3.3
µF
0.01
N/C
N/C
R2
R1
2
3
Gnd
Adj
65
4
Base
7
Vout
Vin
1
8
On/Off
Control Input
3.3
µF
On/Off
The complete equation for the output voltage is:
Vout + Vref 1 )
R1
R2
) I
FB
R1
where Vref is the nominal 1.235 V reference voltage and IFB is
the feedback pin bias current, nominally –20 nA. The
minimum recommended load current of 1.0
µA forces an
upper limit of 1.2 M
Ω on the value of R2, if the regulator must
work with no load. IFB will produce a 2% typical error in Vout
which may be eliminated at room temperature by adjusting
R1. For better accuracy, choosing R2 = 100 K reduces this
error to 0.17% while increasing the resistor program current
to 12
µA.
Output Noise
In many applications it is desirable to reduce the noise
present at the output. Reducing the regulator bandwidth by
increasing the size of the output capacitor is the only method
for reducing noise.
Noise can be reduced fourfold by a bypass capacitor
across R1, since it reduces the high frequency gain from 4 to
unity for the MC33264D–5.0. Pick
C
BYPASS +
1
2
π R1 x 200 Hz
or about 0.01
µF. When doing this, the output capacitor must
be increased to 3.3
µF to maintain stability. These changes
reduce the output noise from 430
µV to 100 Vrms for a
100 kHz bandwidth for the 5.0 V output device. With the
bypass capacitor added, noise no longer scales with output
voltage so that improvements are more dramatic at higher
output voltages.
TYPICAL APPLICATIONS
Figure 8. Lithium Ion Battery Cell Charger
Unregulated Input
6.0 to 10 Vdc
2
3
6
4
7
1
8
5
Gnd
On/Off
Vin
Vout
Base
Adj
MC33264D–5.0
Ground
1N4001
0.22
200 k
1%
100 k
1%
50 k
Control
N/C
N/C
0.1
Lithium Ion
Rechargeable Cell
4.2 V
± 0.15 V
On/Off


Similar Part No. - MC33264

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33260 ONSEMI-MC33260 Datasheet
436Kb / 20P
   GreenLine Compact Power Factor Controller:Innovative Circuit for Cost Effective Solutions
November, 1999 ??Rev. 1
MC33260 ONSEMI-MC33260 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33260 ONSEMI-MC33260 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33260 ONSEMI-MC33260 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
MC33260D ONSEMI-MC33260D Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
More results

Similar Description - MC33264

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com