Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SMA4740 Datasheet(PDF) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part No. 1SMA4740
Description  SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Homepage  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1SMA4740 Datasheet(HTML) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1SMA4740 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1SMA4740 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1SMA4740 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1SMA4740 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1SMA4740 Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packing information
https://www.microdiode.com
Rev:2019A0
Page :5
Important Notice and Disclaimer
Microdiode Electronics (Jiangsu) reserves the right to make changes to this document and its products and
specifications at any time without notice. Customers should obtain and confirm the latest product information and
specifications before final design,purchase or use.
Microdiode Electronics (Jiangsu) makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, not does Microdiode Electronics (Jiangsu) assume any liability for application
assistance or customer product design. Microdiode Electronics (Jiangsu) does not warrant or accept any liability with
products which are purchased or used for any unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of Microdiode
Electronics (Jiangsu).
Microdiode Electronics (Jiangsu) products are not authorized for use as critical components in life support
devices or systems without express written approval of Microdiode Electronics (Jiangsu).
Suggested Pad Layout
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Reel packing
SMA
7"
2,000
4.0
4,000
183*155*183
178
382*356*392
160,000
16.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
SMA
11"
5,000
4.0
10,000
290*290*38
330
310*310*360
80,000
11.0
Zener Voltage - 3.3 to 200 Volts Peak Pulse Power - 1.0 W
1SMA4728A THRU 1SMA200A
SMA
13"
7,500
4.0
15,000
335*335*38
330
350*330*360
120,000
14.5
unit:mm
Item
Symbol
Tolerance
SMA
Carrier width
A
0.1
2.80
Carrier length
B
0.1
5.33
Carrier depth
C
0.1
2.36
Sprocket hole
d
0.05
1.50
13" Reel outside diameter
D
2.0
330.00
13" Reel inner diameter
D1
min
50.00
7" Reel outside diameter
D
2.0
178.00
7" Reel inner diameter
D1
min
62.00
Feed hole diameter
D2
0.5
13.00
Sprocket hole position
E
0.1
1.75
Punch hole position
F
0.1
5.50
Punch hole pitch
P
0.1
4.00
Sprocket hole pitch
P0
0.1
4.00
Embossment center
P1
0.1
2.00
Overall tape thickness
T
0.1
0.28
Tape width
W
0.3
12.00
Reel width
W1
1.0
18.00
Symbol
Unit (mm)
Unit (inch)
A
1.68
0.066
B
1.52
0.060
C
3.90
0.154
D
2.41
0.095
E
5.45
0.215


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn