Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6566IRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6566IRZ-T
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566IRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6566IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 13Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 14Page - Intersil Corporation ISL6566IRZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
FN9178.3
July 25, 2005
The ISL6566 supports MOSFET rDS(ON) current sensing to
sample each channel’s current for channel-current balance.
The internal circuitry, shown in Figure 5 represents channel
n of an N-channel converter. This circuitry is repeated for
each channel in the converter, but may not be active
depending on the status of the PVCC3 and PVCC2 pins, as
described in the PWM Operation section.
The ISL6566 senses the channel load current by sampling
the voltage across the lower MOSFET rDS(ON), as shown in
Figure 5. A ground-referenced operational amplifier, internal
to the ISL6566, is connected to the PHASE node through a
resistor, RISEN. The voltage across RISEN is equivalent to
the voltage drop across the rDS(ON) of the lower MOSFET
while it is conducting. The resulting current into the ISEN pin
is proportional to the channel current, IL. The ISEN current is
sampled and held as described in the Current Sampling
section. From Figure 5, the following equation for In is
derived where IL is the channel current.
Output Voltage Setting
The ISL6566 uses a digital to analog converter (DAC) to
generate a reference voltage based on the logic signals at the
VID pins. The DAC decodes the 5 or 6-bit logic signals into
one of the discrete voltages shown in Tables 2, 3, and 4.
Each VID pin is pulled up to an internal 1.2V voltage by a
weak current source (40
µA current), which decreases to 0 as
the voltage at the VID pin varies from 0 to the internal 1.2V
pull-up voltage. External pull-up resistors or active-high
output stages can augment the pull-up current sources, up to
a voltage of 5V.
.The ISL6566 accommodates three different DAC ranges:
Intel VRM9.0, AMD Hammer, or Intel VRM10.0. The state of
the VRM10 and VID12.5 pins decide which DAC version is
active. Refer to Table 1 for a description of how to select the
desired DAC version.
FIGURE 4. SAMPLE AND HOLD TIMING
TIME
PWM
IL
ISEN
SWITCHING PERIOD
SAMPLING PERIOD
OLD SAMPLE
CURRENT
NEW SAMPLE
CURRENT
FIGURE 5. ISL6566 INTERNAL AND EXTERNAL CURRENT-
SENSING CIRCUITRY FOR CURRENT BALANCE
In
ISEN IL
rDS ON
()
RISEN
--------------------------
=
-
+
ISEN(n)
RISEN
SAMPLE
&
HOLD
ISL6565A INTERNAL CIRCUIT
EXTERNAL CIRCUIT
VIN
CHANNEL N
UPPER MOSFET
CHANNEL N
LOWER MOSFET
-
+
IL rDS ON
()
IL
In
IL
rDS ON
()
RISEN
----------------------
=(EQ. 3)
TABLE 1. ISL6566 DAC SELECT TABLE
DAC VERSION
VRM10 PIN
VID12.5 PIN
VRM10.0
high
-
VRM9.0
low
high
AMD HAMMER
low
low
TABLE 2. AMD HAMMER VOLTAGE IDENTIFICATION CODES
VID4
VID3
VID2
VID1
VID0
VDAC
111
11
Off
111
10
0.800
111
01
0.825
111
00
0.850
110
11
0.875
110
10
0.900
110
01
0.925
110
00
0.950
101
11
0.975
101
10
1.000
101
01
1.025
101
00
1.050
100
11
1.075
100
10
1.100
100
01
1.125
100
00
1.150
011
11
1.175
011
10
1.200
011
01
1.225
011
00
1.250
010
11
1.275
010
10
1.300
ISL6566
ISL6566


Similar Part No. - ISL6566IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566IRZ-T INTERSIL-ISL6566IRZ-T Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6566IRZ-T RENESAS-ISL6566IRZ-T Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results

Similar Description - ISL6566IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566 RENESAS-ISL6566 Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com