Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6548 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6548
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6548 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6548 Datasheet HTML 1Page - Intersil Corporation ISL6548 Datasheet HTML 2Page - Intersil Corporation ISL6548 Datasheet HTML 3Page - Intersil Corporation ISL6548 Datasheet HTML 4Page - Intersil Corporation ISL6548 Datasheet HTML 5Page - Intersil Corporation ISL6548 Datasheet HTML 6Page - Intersil Corporation ISL6548 Datasheet HTML 7Page - Intersil Corporation ISL6548 Datasheet HTML 8Page - Intersil Corporation ISL6548 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Block Diagram
EA1
PWM
UGATE
VTT(2)
VTTSNS
OSCILLATOR
FB
COMP
VTT
UV
LGATE
VREF_IN
VDDQ(2)
VIDPGD
REG
S5#
S3#
BOOT
DRIVE2_L
EA2
P12V
PHASE
20
µA
OCSET
OC
COMP
250kHz
GND(2)
RU
RL
P12V
DRIVE4
P12V
FB4
REFADJ4
DRIVE3
FB3
DRIVE2_U
FB2
EA3
EA4
5VSBY
UV/OV
UV
UV/OV
FAULT
MONITOR AND CONTROL
S3
GND PAD
VOLTAGE
REFERENCE
0.800V
0.680V (-15%)
0.920V (+15%)
SOFTSTART & ENABLE A
SOFTSTART & ENABLE B
SOFTSTART & ENABLE C
ENABLE VIDPGD
ENABLE DDR_VTT
P12V
5VSBY
POR
VDDQ
RGU
RGL
GMCH DUAL LDO
P12V


Similar Part No. - ISL6548

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6548 INTERSIL-ISL6548 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548 RENESAS-ISL6548 Datasheet
747Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6548

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com