Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6521IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6521IBZ
Description  PWM Buck DC-DC and Triple Linear Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6521IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6521IBZ Datasheet HTML 1Page - Intersil Corporation ISL6521IBZ Datasheet HTML 2Page - Intersil Corporation ISL6521IBZ Datasheet HTML 3Page - Intersil Corporation ISL6521IBZ Datasheet HTML 4Page - Intersil Corporation ISL6521IBZ Datasheet HTML 5Page - Intersil Corporation ISL6521IBZ Datasheet HTML 6Page - Intersil Corporation ISL6521IBZ Datasheet HTML 7Page - Intersil Corporation ISL6521IBZ Datasheet HTML 8Page - Intersil Corporation ISL6521IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Functional Pin Descriptions
VCC (Pin 11)
Provide a well decoupled 5V bias supply for the IC to this
pin. This pin also provides the gate bias charge for the lower
MOSFET controlled by the PWM section of the IC, as well as
the drive current for the linear regulators. The voltage at this
pin is monitored for Power-On Reset (POR) purposes.
GND (Pin 5)
Signal ground for the controller. All voltage levels are
measured with respect to this pin.
PGND (Pin 9)
This is the power ground connection. Tie the source of the
lower MOSFET of the synchronous PWM converter to this
pin.
BOOT (Pin 7)
Floating bootstrap supply pin for the upper gate drive. The
bootstrap capacitor provides the necessary charge to turn
and hold the upper MOSFET on. Connect a suitable
capacitor (0.47
µF recommended) from this pin to PHASE.
OCSET (Pin 12)
Connect a resistor from this pin to the drain of the upper
PWM MOSFET. This resistor, an internal 40
µA current
source (typical), and the upper MOSFET’s on-resistance set
the converter overcurrent trip point. An overcurrent trip
cycles the soft-start function.
The voltage at this pin is monitored for power-on reset
(POR) purposes and pulling this pin below 1.25V with an
open drain/collector device will shut down the switching
controller.
PHASE (Pin 6)
Connect this pin to the source of the PWM converter upper
MOSFET. This pin is used to monitor the voltage drop across
the upper MOSFET for overcurrent protection.
UGATE (Pin 8)
Connect UGATE pin to the PWM converter’s upper
MOSFET gate. This pin provides the gate drive for the upper
MOSFET.
LGATE (Pin 10)
This pin provides the gate drive for the synchronous rectifier
lower MOSFET. Connect LGATE to the gate of the lower
MOSFET.
COMP and FB (Pins 4, 3)
COMP and FB are the available external pins of the PWM
converter error amplifier. The FB pin is the inverting input of the
error amplifier. Similarly, the COMP pin is the error amplifier
output. These pins are used to compensate the voltage-mode
control feedback loop of the synchronous PWM converter.
DRIVE2, 3, 4 (Pins 1, 15, 13)
Connect these pins to the point of load or to the base
terminals of external bipolar NPN transistors. These pins are
each capable of providing 120mA of load current or drive
current for the pass transistors.
FB2, 3, 4 (Pins 2, 16, 14)
Connect the output of the corresponding linear regulators to
these pins through properly sized resistor dividers. The
voltage at these pins is regulated to 0.8V. These pins are
also monitored for undervoltage events.
Quickly pulling and holding any of these pins above 1.25V
(using diode-coupled logic devices) shuts off the respective
regulators. Releasing these pins from the pull-up voltage
initiates a soft-start sequence on the respective regulator.
Description
Operation
The ISL6521 monitors and precisely controls one
synchronous PWM converter and three configurable linear
regulators from a +5V bias input. The PWM controller is
designed to regulate the core voltage of an embedded
processor or simple down conversion for high current
applications. The PWM controller drives two MOSFETs (Q1
and Q2) in a synchronous-rectified buck converter
configuration and regulates the output voltage to a level
programmed by a resistor divider. The linear controllers are
designed to regulate three additional system voltages.
Typically, these include any I/O, memory, or clock voltages
that might be required. All three linear controllers support
up to 120mA of load current without external pass devices
or higher currents with external NPN bipolar transistors.
Initialization
The ISL6521 automatically initializes upon receipt of input
power. The Power-On Reset (POR) function continually
monitors the input bias supply voltage. The POR monitors
the bias voltage at the VCC pin. The POR function initiates
soft-start operation after the bias supply voltage exceeds its
POR threshold.
Soft-Start
The POR function initiates the soft-start sequence. The
PWM error amplifier reference input is clamped to a level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator generates PHASE pulses of
increasing width that charge the output capacitor(s).
Similarly, all linear regulators’ reference inputs are clamped
to a voltage proportional to the soft-start voltage. The ramp-
up of the internal soft-start function provides a controlled
output voltage rise.
Figure 1 shows the soft-start sequence for a typical
application. At T0 the +5V bias voltage starts to ramp up
crossing the 4.5V POR threshold at time T1. On the PWM
section, the oscillator’s triangular waveform is compared to
ISL6521


Similar Part No. - ISL6521IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6521IBZ RENESAS-ISL6521IBZ Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
ISL6521IBZ-T RENESAS-ISL6521IBZ-T Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
More results

Similar Description - ISL6521IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anachip Corp
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
   200KHz, PWM Buck DC/DC & Linear Controller
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com