Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6410AIRZ-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6410AIRZ-TK
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410AIRZ-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6410AIRZ-TK Datasheet HTML 4Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 9Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 10Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 11Page - Intersil Corporation ISL6410AIRZ-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Power Good
This output is asserted high when the PWM is enabled, and
Vout is within 8.0% typical of its final value, and is active low
outside this range. When disabled, the output turns active
low. It is recommended to leave the PG pin unconnected
when not used.
PWM Overvoltage and Overcurrent Protection
The PWM output current is sampled at the end of each PWM
cycle, exceeding the overcurrent limit, causes a 4 bit
up/down counter to increment by one LSB. A normal current
state causes the counter to decrement by one LSB (the
counter will not however “rollover” or count below 0000).
When the PWM goes into overcurrent, the counter rapidly
reaches count 1111 and the PWM output is shut down and
the soft-start counter is reset. After 16 clocks the PWM
output is enabled and the soft-start cycle is started.
If Vout exceeds the overvoltage limit for 32 consecutive clock
cycles the PWM output is shut off and the soft-start cycle is
initiated.
No Load Operation
If there is no load connected to the output, the converter will
regulate the output voltage by allowing the inductor current
to reverse for a short period of time.
Output Capacitor Selection
For best performance, a low ESR output capacitor is
needed. Output voltages below 1.8V require a larger output
capacitor and ESR value to improve the performance and
stability of the converter. For 1.8V output applications, a
ceramic capacitor of 10µF or higher value with ESR
≤50mΩ
is recommended.
The RMS ripple current is calculated as:
L = the inductor value
f = the switching frequency
The overall output ripple voltage is the sum of the voltage spike
caused by the output capacitor ESR and the voltage ripple
caused by charge and discharge of the output capacitor:
Where the highest output voltage ripple occurs at the highest
input voltage VIN.
Input Capacitor Selection
The input current to the buck converter is pulsed, and
therefore a low ESR input capacitor is required. This results
in good input voltage filtering and minimizes the interference
it causes to other circuits. The input capacitor should have a
minimum value of 10
µF and a higher value can be selected
for improving input voltage filtering. The input capacitor
should be rated for the maximum input ripple current
calculated as:
The worst case RMS ripple current occurs at D = 0.5 and is
calculated as: Irms = Io/2.
D = Duty Cycle
Ceramic capacitors are preferred because of their low ESR
value. They are also less sensitive to voltage transients
when compared to tantalum capacitors. It is good practice to
place the input capacitor as close as possible to the input pin
of the IC for optimum performance.
Inductor Selection
The ISL6410 is an internally compensated device and hence
a minimum of 8.2
µH must be used for the ISL6410 and a
minimum of 12
µH for the ISL6410A. The selected inductor
must have a low DC resistance and a saturation current
greater than the maximum inductor current value can be
calculated from the equations below
where
dIL = the peak to peak inductor current
L = the inductor value
f = the switching frequency
ILmax = the max inductor current
TABLE 2. RECOMMENDED OUTPUT CAPACITORS
CAPACITOR
VALUE
ESR
(m
Ω)
COMPONENT
SUPPLIER
COMMENTS
10
µF
<50 AVX 08056D106KAT2A
Ceramic
IRMS Co
()
Vo
1
Vo
Vin
---------
Lf
×
-------------------
1
23
×
-----------------
×
×
=
Vo
Vo
1
Vo
Vin
---------
Lf
×
-------------------
1
8Cof
×
×
------------------------- ESR
+


×
×
=
TABLE 3. RECOMMENDED INDUCTORS
INDUCTOR VALUE
DCR (m
Ω)
COMPONENT
SUPPLIER
8.2
µH75
Coilcraft
MSS6122-822MX
12
µH
100
Coilcraft
MSS6122-123MX
IRMS
Io max
()
Vo
Vin
---------
1
Vo
Vin
---------


×
×
=
dIL
Vo
1
Vo
Vin
---------
Lf
×
-------------------
×
=
IL max
Io max dIL
2
---------
+
=
ISL6410, ISL6410A


Similar Part No. - ISL6410AIRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410AIRZ RENESAS-ISL6410AIRZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410AIRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com