Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6443IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6443IRZ
Description  300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6443IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6443IRZ Datasheet HTML 3Page - Intersil Corporation ISL6443IRZ Datasheet HTML 4Page - Intersil Corporation ISL6443IRZ Datasheet HTML 5Page - Intersil Corporation ISL6443IRZ Datasheet HTML 6Page - Intersil Corporation ISL6443IRZ Datasheet HTML 7Page - Intersil Corporation ISL6443IRZ Datasheet HTML 8Page - Intersil Corporation ISL6443IRZ Datasheet HTML 9Page - Intersil Corporation ISL6443IRZ Datasheet HTML 10Page - Intersil Corporation ISL6443IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN9044.1
October 4, 2005
PROTECTION
Thermal Shutdown
Rising
-
150
-
°C
Hysteresis
-
20
-
°C
NOTES:
2. Specifications at -40°C and 85°C are guaranteed by design, not production tested.
3. In normal operation, where the device is supplied with voltage on the VIN pin, the VCC_5V pin provides a 5V output capable of 60mA (min).
When the VCC_5V pin is used as a 5V supply input, the internal LDO regulator is disabled and the VIN input pin must be connected to the
VCC_5V pin. (Refer to the Pin Descriptions section for more details.)
4. This is the total shutdown current with VIN = VCC_5V = PVCC = 5V.
5. Operating current is the supply current consumed when the device is active but not switching. It does not include gate drive current.
6. The peak-to-peak sawtooth amplitude is production tested at 12V only; at 5V this parameter is guaranteed by design.
7. Guaranteed by design; not production tested.
8. Not production tested; guaranteed by characterization only.
9. Guaranteed by design. The full scale current of 32µA is recommended for optimum current sample and hold operation. See the Feedback Loop
Compensation Section below.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, TA = -40°C to 85°C (Note 2),
Typical values are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6443


Similar Part No. - ISL6443IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6443IRZ RENESAS-ISL6443IRZ Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443IRZ-T INTERSIL-ISL6443IRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6443IRZ-TK INTERSIL-ISL6443IRZ-TK Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6443IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com