Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6443IR Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6443IR
Description  300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6443IR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6443IR Datasheet HTML 7Page - Intersil Corporation ISL6443IR Datasheet HTML 8Page - Intersil Corporation ISL6443IR Datasheet HTML 9Page - Intersil Corporation ISL6443IR Datasheet HTML 10Page - Intersil Corporation ISL6443IR Datasheet HTML 11Page - Intersil Corporation ISL6443IR Datasheet HTML 12Page - Intersil Corporation ISL6443IR Datasheet HTML 13Page - Intersil Corporation ISL6443IR Datasheet HTML 14Page - Intersil Corporation ISL6443IR Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN9044.1
October 4, 2005
For example, a single large FET with 15nC total gate charge
requires 15nC x 300kHz = 4.5mA. Also, at higher input
voltages with larger FETs, the power dissipation across the
internal 5V will increase. Excessive dissipation across this
regulator must be avoided to prevent junction temperature
rise. Larger FETs can be used with 5V ±10% input
applications. The thermal overload protection circuit will be
triggered, if the VCC_5V output is short circuited. Connect
VCC_5V to VIN for 5V ±10% input applications.
Soft-Start Operation
When soft-start is initiated, the voltage on the SS pin of the
enabled PWM channels starts to ramp gradually, due to the
5
µA current sourced into the external capacitor. The output
voltage follows the soft-start voltage.
When the SS pin voltage reaches 0.8V, the output voltage of
the enabled PWM channel reaches the regulation point, and
the soft-start pin voltage continues to rise. At this point the
PGOOD and fault circuitry is enabled. This completes the
soft-start sequence. Any further rise of SS pin voltage does
not affect the output voltage. By varying the values of the
soft-start capacitors, it is possible to provide sequencing of the
main outputs at start-up. The soft-start time can be obtained
from the following equation:
The soft-start capacitors can be chosen to provide startup
tracking for the two PWM outputs. This can be achieved by
choosing the soft-start capacitors such that the soft-start
capacitor ration equals the respective PWM output voltage
ratio. For example, if I use PWM1 = 1.2V and PWM2 = 3.3V
then the soft-start capacitor ration should be, CSS1/CSS1 =
1.2/3.3 = 0.364. Figure 14 shows that soft-start waveform
with CSS1 = 0.01µF and CSS2 = 0.027µF.
Output Voltage Programming
A resistive divider from the output to ground sets the output
voltage of either PWM channel. The center point of the
divider shall be connected to FBx pin. The output voltage
value is determined by the following equation.
where R1 is the top resistor of the feedback divider network
and R2 is the resistor connected from FBx to ground.
Out-of-Phase Operation
The two PWM controllers in the ISL6443 operate 180o out-
of-phase to reduce input ripple current. This reduces the
input capacitor ripple current requirements, reduces power
supply-induced noise, and improves EMI. This effectively
helps to lower component cost, save board space and
reduce EMI.
Dual PWMs typically operate in-phase and turn on both
upper FETs at the same time. The input capacitor must then
support the instantaneous current requirements of both
controllers simultaneously, resulting in increased ripple
voltage and current. The higher RMS ripple current lowers
the efficiency due to the power loss associated with the ESR
of the input capacitor. This typically requires more low-ESR
capacitors in parallel to minimize the input voltage ripple and
ESR-related losses, or to meet the required ripple current
rating.
With dual synchronized out-of-phase operation, the high-
side MOSFETs of the ISL6443 turn on 180o out-of-phase.
The instantaneous input current peaks of both regulators no
longer overlap, resulting in reduced RMS ripple current and
input voltage ripple. This reduces the required input
capacitor ripple current rating, allowing fewer or less
expensive capacitors, and reducing the shielding
requirements for EMI. The typical operating curves show the
synchronized 180° out-of-phase operation.
TSOFT
0.8V
CSS
5
µA
-----------


=
FIGURE 13. SOFT-START OPERATION
VCC_5V 1V/DIV
SS1 1V/DIV
VOUT1 1V/DIV
FIGURE 14. PWM1 AND PWM2 OUTPUT TRACKING DURING
STARTUP
VOUT1 1V/DIV
VOUT2 1V/DIV
VOUTx
0.8V
R1 R2
+
R2
----------------------


=
ISL6443


Similar Part No. - ISL6443IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6443IR INTERSIL-ISL6443IR Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443IR RENESAS-ISL6443IR Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6443IRZ RENESAS-ISL6443IRZ Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL6443IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com