Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6443IR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6443IR
Description  300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6443IR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6443IR Datasheet HTML 1Page - Intersil Corporation ISL6443IR Datasheet HTML 2Page - Intersil Corporation ISL6443IR Datasheet HTML 3Page - Intersil Corporation ISL6443IR Datasheet HTML 4Page - Intersil Corporation ISL6443IR Datasheet HTML 5Page - Intersil Corporation ISL6443IR Datasheet HTML 6Page - Intersil Corporation ISL6443IR Datasheet HTML 7Page - Intersil Corporation ISL6443IR Datasheet HTML 8Page - Intersil Corporation ISL6443IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN9044.1
October 4, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC_5V Pin) . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Input Voltage (VIN Pin). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+27V
BOOT1, 2 and UGATE1, 2. . . . . . . . . . . . . . . . . . . . . . . . . . . . +35V
PHASE1, 2 and ISEN1, 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . +27V
BOOT1, 2 with Respect to PHASE1, 2 . . . . . . . . . . . . . . . . . . +6.5V
UGATE1, 2. . . . . . . . . . . . (PHASE1, 2 - 0.3V) to (BOOT1, 2 +0.3V)
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
28 Lead QFN (Note 1) . . . . . . . . . . .
36
5.5
Maximum Junction Temperature (Plastic Package) . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJC is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. For θJA
the “case temp” location is the center of the exposed metal pad on the underside of the package. See Tech Brief TB379.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, TA = -40°C to 85°C (Note 2),
Typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN SUPPLY
Input Voltage Range
5.6
12
24
V
VCC_5V SUPPLY (Note 3)
Input Voltage
4.5
5.0
5.6
V
Output Voltage
VIN > 5.6V, IL = 20mA
4.5
5.0
5.5
V
Maximum Output Current
VIN = 12V
60
-
-
mA
SUPPLY CURRENT
Shutdown Current (Note 4)
SD1 = SD2 = GND
-
50
375
µA
Operating Current (Note 5)
-
2.0
4.0
mA
REFERENCE SECTION
Nominal Reference Voltage
-
0.8
-
V
Reference Voltage Tolerance
-1.0
-
1.0
%
POWER-ON RESET
Rising VCC_5V Threshold
4.25
4.45
4.5
V
Falling VCC_5V Threshold
3.95
4.2
4.4
V
OSCILLATOR
Total Frequency Variation
260
300
340
kHz
Peak-to-Peak Sawtooth Amplitude (Note 6)
VIN = 12V
-
1.6
-
V
VIN = 5V
-
0.667
-
V
Ramp Offset (Note 7)
-1.0
-
V
SYNC Input Rise/Fall Time (Note 7)
-
-
10.0
ns
SYNC Frequency Range
4.16
4.8
5.44
MHz
SYNC Input HIGH Level
3.5
-
-
V
SYNC Input LOW Level
--
1.5
V
SYNC Input Minimum Pulse Width (Note 7)
10
-
-
ns
SYNC Output HIGH Level
VCC - 0.6V
-
-
V
SHUTDOWN1/SHUTDOWN2
HIGH Level (Converter Enabled)
Internal Pull-up (3
µA)
2.0
-
-
V
LOW Level (Converter Disabled)
-
-
0.8
V
ISL6443


Similar Part No. - ISL6443IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6443IR INTERSIL-ISL6443IR Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443IR RENESAS-ISL6443IR Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6443IRZ RENESAS-ISL6443IRZ Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL6443IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com