Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6440ACB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6440ACB
Description  Advanced PWM and Triple Linear Power Controller for Gateway Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6440ACB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6440ACB Datasheet HTML 1Page - Intersil Corporation ISL6440ACB Datasheet HTML 2Page - Intersil Corporation ISL6440ACB Datasheet HTML 3Page - Intersil Corporation ISL6440ACB Datasheet HTML 4Page - Intersil Corporation ISL6440ACB Datasheet HTML 5Page - Intersil Corporation ISL6440ACB Datasheet HTML 6Page - Intersil Corporation ISL6440ACB Datasheet HTML 7Page - Intersil Corporation ISL6440ACB Datasheet HTML 8Page - Intersil Corporation ISL6440ACB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
TM
File Number 9041
ISL6440A
Advanced PWM and Triple Linear Power
Controller for Gateway Applications
The ISL6440A provides the power control and protection for
four output voltages required by microprocessors used in
high-performance, graphics-intensive gateway applications.
The IC integrates a voltage-mode PWM controller and three
linear controllers, as well as the monitoring and protection
functions into a 28 lead SOIC package.
The synchronous rectified buck converter includes an Intel®-
compatible, TTL five-input, digital-to-analog converter (DAC)
that adjusts the core PWM output voltage from 1.3VDC to
2.05VDC in 0.05V steps and from 2.1VDC to 3.5VDC in 0.1V
increments. The precision reference and voltage-mode
control provide
±1% static regulation. A TTL-compatible
signal applied to the SELECT pin dictates which method of
control is used for the AGP bus power. A low state results in
linear control of the AGP bus to 1.5V, while a high state
transitions the output through a linearly controlled soft-start
to 3.3V, followed by full enhancement of the external
MOSFET to pass the input voltage. The other two linear
regulators provide fixed output voltages of 1.5V GTL bus
power and 1.8V power for the north/south bridge core and/or
cache memory. These levels are user-adjustable by means
of an external resistor divider and pulling the FIX pin low. All
linear controllers can employ either N-Channel MOSFETs or
bipolar NPNs for the pass transistor.
The ISL6440A monitors all the output voltages. A single
power good signal is issued when the core is within
±10% of
the DAC setting and all other outputs are above their under-
voltage levels. Additional built-in overvoltage protection for
the core output uses the lower MOSFET to prevent output
voltages above 115% of the DAC setting. The PWM
controller’s overcurrent function monitors the output current
by using the voltage drop across the upper MOSFET’s
rDS(ON).
Features
• Provides four regulated voltages
- Microprocessor core, AGP bus, memory, and GTL bus
power
• Drives N-Channel MOSFETs
• Linear regulator drives compatible with both MOSFET and
bipolar series pass transistors
• Fixed or externally resistor-adjustable linear outputs
• Simple single-loop control design
- Voltage-mode PWM control
• Fast PWM converter transient response
- High-bandwidth error amplifier
- Full 0–100% duty ratio
• Excellent output voltage regulation
- Core PWM output:
±1% over temperature
- Other outputs:
±3% over temperature
• TTL-compatible 5-bit DAC core output voltage selection
- Shutdown feature removed when all inputs high
- Wide range 1.3VDC to 3.5VDC
• Power-good output voltage monitor
• Overvoltage and overcurrent fault monitors
- Switching regulator does not require extra current
Sensing element, uses upper MOSFET’s rDS(ON)
• Small converter size
- Constant frequency operation
- 200kHz free-running oscillator; programmable from
50kHz to over 1MHz
- Small external component count
Applications
• Power regulation for gateway processors
Pinout
ISL6440A (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ISL6440ACB
0 to 70
28 Ld SOIC
M28.3
DRIVE2
FIX
VID4
VID3
VSEN2
SELECT
SS
FAULT/RT
VSEN4
VCC
PGND
LGATE
PHASE
DRIVE3
COMP
GND
VAUX
DRIVE4
UGATE
PGOOD
VID2
SD
VSEN1
VSEN3
VID1
VID0
OCSET
FB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Data Sheet
October 2001
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001. All Rights Reserved
Intel® is a registered trademark of Intel Corporation.


Similar Part No. - ISL6440ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440IA INTERSIL-ISL6440IA Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6440IA RENESAS-ISL6440IA Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440IA-T INTERSIL-ISL6440IA-T Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
More results

Similar Description - ISL6440ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
logo
Renesas Technology Corp
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Renesas Technology Corp
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com