Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6425ER-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6425ER-T
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6425ER-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6425ER-T Datasheet HTML 2Page - Intersil Corporation ISL6425ER-T Datasheet HTML 3Page - Intersil Corporation ISL6425ER-T Datasheet HTML 4Page - Intersil Corporation ISL6425ER-T Datasheet HTML 5Page - Intersil Corporation ISL6425ER-T Datasheet HTML 6Page - Intersil Corporation ISL6425ER-T Datasheet HTML 7Page - Intersil Corporation ISL6425ER-T Datasheet HTML 8Page - Intersil Corporation ISL6425ER-T Datasheet HTML 9Page - Intersil Corporation ISL6425ER-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9176.1
February 8, 2005
LINEAR REGULATOR
Drop-Out Voltage
Iout = 450mA (Note 4)
-
1.2
-
V
DSQIN, SEL18V INPUT PINs (Note 6)
Asserted Low
--
0.8
V
Asserted HIGH
1.7
-
-
V
Input Current
-1-
µA
CURRENT SENSE
Input Bias Current
IBIAS
-
700
-
nA
Overcurrent Threshold
Static current mode, DCL = H
325
400
500
mV
ERROR AMPLIFIER
Open Loop Voltage Gain
AOL
(Note 4)
70
88
-
dB
Gain Bandwidth Product
GBP
(Note 4)
10
-
-
MHz
PWM
Maximum Duty Cycle
90
93
-
%
Minimum Pulse Width
(Note 4)
-
20
-
ns
OSCILLATOR
Oscillator Frequency
fo
Fixed at (10)(ftone)
200
220
240
kHz
THERMAL PROTECTION
Thermal Shutdown
Temperature Shutdown Threshold
(Note 4)
-
150
-
Temperature Shutdown Hysteresis
(Note 4)
-
20
-
NOTES:
3. Internal Digital Soft-start
4. Voltage programming signals VSEL and LLC are implemented via the I2C bus.
IO = 450mA.
5. Guaranteed by Design.
6. Unused DSQIN pin should be connected to GND. SEL18V pins is internally connected to GND by a 200K resistor.
Electrical Specifications
VCC = 12V, TA = -20°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C. EN = H, LLC = L,
ENT = L, DCL = L, DSQIN = L, IOUT = 12mA, unless otherwise noted. See software description section for I2C
access to the system. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6425


Similar Part No. - ISL6425ER-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6425ER-T RENESAS-ISL6425ER-T Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results

Similar Description - ISL6425ER-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421A INTERSIL-ISL6421A_06 Datasheet
417Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com