Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6410IR-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6410IR-T
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410IR-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6410IR-T Datasheet HTML 1Page - Intersil Corporation ISL6410IR-T Datasheet HTML 2Page - Intersil Corporation ISL6410IR-T Datasheet HTML 3Page - Intersil Corporation ISL6410IR-T Datasheet HTML 4Page - Intersil Corporation ISL6410IR-T Datasheet HTML 5Page - Intersil Corporation ISL6410IR-T Datasheet HTML 6Page - Intersil Corporation ISL6410IR-T Datasheet HTML 7Page - Intersil Corporation ISL6410IR-T Datasheet HTML 8Page - Intersil Corporation ISL6410IR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
SYNC, FB, VSET & Enable Input (Note 3) . . . . -0.3V to VCC+0.3V
ESD Classification (Human Body Model) . . . . . . . . . . . . . . . Class 2
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
MSOP Package (Note 4) . . . . . . . . . . .
128
NA
QFN Package (Notes 4, 5). . . . . . . . . .
45
7.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (10s, soldering . . . . . . . . . . . . . 260°C
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . . -40°C to 125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. All voltages are with respect to GND.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended operating conditions unless otherwise noted. VIN = 3.3V ±10% (ISL6410) or 5V ±10%
(ISL6410A), TA = 25°C (Note 6).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Supply Voltage Range
VIN (ISL6410)
3.0
3.3
3.6
V
VIN (ISL6410A)
4.5
5.0
5.5
V
Input UVLO Threshold
VTR (ISL6410) Rising
2.62
2.68
2.73
V
VTF (ISL6410) Falling
2.53
2.59
2.64
V
VTR (ISL6410A) Rising
4.27
4.37
4.45
V
VTF (ISL6410A) Falling
4.1
4.22
4.32
V
Quiescent Supply Current
IOUT = 0mA
-
2.3
-
mA
Shutdown Supply Current
EN = GND, TA = 25°C
-
5
10
µA
EN = GND, TA = 85°C
-
10
15
µA
Thermal Shutdown Temperature (Note 7)
Rising Threshold
-
150
-
°C
Thermal Shutdown Hysteresis (Note 7)
-
20
25
°C
SYNCHRONOUS BUCK PWM REGULATOR
Output Voltage
ISL6410, VSET = L
-
1.2
-
V
ISL6410, VSET = H
-
1.8
-
V
ISL6410, VSET = OPEN
-
1.5
-
V
ISL6410A, VSET = L
-
1.2
-
V
ISL6410A, VSET = H
-
3.3
-
V
ISL6410A, VSET = OPEN
-
1.8
-
V
Output Voltage Accuracy
IOUT = 3mA, TA = -40°C to 85°C
-1.5
-
+1.5
%
Line Regulation
IOUT = 3mA
-0.5
-
+0.5
%
Load Regulation
IOUT = 3mA to 600mA
-1.5
-
+1.5
%
Maximum Output Current
-
-
600
mA
Peak Output Current Limit
700
-
1300
mA
PMOS rDS(ON)
IOUT = 200mA
-
230
-
m
NMOS rDS(ON)
IOUT = 200mA
-
230
-
m
Efficiency
IOUT = 200mA, VIN = 3.3V, VO = 1.8V (ISL6410)
-
92
-
%
ISL6410, ISL6410A


Similar Part No. - ISL6410IR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410IR RENESAS-ISL6410IR Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
ISL6410IRZ RENESAS-ISL6410IRZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410IR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com