Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6293-2CR-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6293-2CR-T
Description  Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6293-2CR-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6293-2CR-T Datasheet HTML 1Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 2Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 3Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 4Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 5Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 6Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 7Page - Intersil Corporation ISL6293-2CR-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN9180.0
Functional Pin Description
CRDL (Pin 1)
Cradle input. This pin is usually connected to a cradle power
input. The maximum input voltage is 28V. The charge
current from this pin is programmable with the ICDL pin up to
1A. When this pin is connected to a power source, no charge
current is drawn from the USB pin. A 1µF or larger value
ceramic capacitor is recommended for decoupling.
USB (Pin 2)
USB input. This pin is usually connected to a USB port
power connector. Other sources that are lower than 5.5V are
also acceptable. The charge current from the USB pin is
selectable between 100mA and 500mA maximum with the
USBP pin when the RIUSB = 80kΩ. A 1µF or larger value
ceramic capacitor is recommended for decoupling. It is also
recommended to have a 1
Ω resistor in series with the
decoupling capacitor to prevent an over-shoot voltage when
a USB cable is plugged in.
PPR (Pin 3)
Power presence indication. This is an open-drain output pin
that outputs a logic LOW when either the USB input voltage
or the CRDL input voltage is above its POR level, regardless
if the charger is enabled or disabled. This pin provides a
wake-up signal to a microprocessor when either the cradle
or the USB power is connected.
CHG (Pin 4)
Charge indication pin. When the charge current from the
cradle input during the constant current mode falls to below
8% of the programmed reference current by the ICDL pin or
the charge current from the USB input is below 10% of the
programmed charge current, the open-drain MOSFET is
turned off. The pin will be pulled to logic HIGH by the pull-up
resistor to indicate the End Of Charge.
USB Input Trickle Charge Current
ITRICKLE USBP = LOW, RIUSB = 80kΩ, VBAT = 2.4V
Given as a % of the USB LOW ICHARGE
45.0
50.0
55.0
%
END-OF-CHARGE CURRENT THRESHOLD
Powered From USB Pin
IEOC
USBP = HIGH, USB = 5V, RIUSB = 80kΩ
Given as a % of the USB HIGH ICHARGE
8.0
10.5
13.0
%
Powered From USB Pin
IEOC
USBP = LOW, USB = 5V, RIUSB = 80kΩ
Given as a % of the USB LOW ICHARGE
17.0
21.0
25.0
%
Powered From CRDL Pin
IEOC
RICDL = 1.82kΩ, VCRDL = 5V
Given as a % of the CRDL ICHARGE
5.5
8.5
11.0
%
PRECONDITIONING CHARGE THRESHOLD
Preconditioning Charge Threshold Voltage
VMIN
2.5
2.6
2.7
V
INTERNAL TEMPERATURE MONITORING
Current Foldback Threshold (Note 6)
TFOLD
85
100
115
°C
LOGIC INPUT AND OUTPUT
USBP Pin Logic Input High
2.0
-
-
V
USBP Pin Logic Input Low
--
0.4
V
USBP Pin Internal Pull Down Resistance
-
1000
-
k
EN Pin Logic Input High
1.2
-
-
V
EN Pin Logic Input Low
--
0.4
V
EN Pin Internal Pull Down Resistance
-
1000
-
k
CHG/PPR Sink Current
Pin Voltage = 0.8V
15
-
-
mA
NOTES:
3. The 4.0V VBAT is selected so that the CHG output can be used as the indication for the offset comparator output indication. If the VBAT is lower
than the POR threshold, no output pin can be used for indication.
4. The maximum and minimum limits are guaranteed over -40°C to 70°C ambient temperature range.
5. The charge current may be reduced by the thermal foldback function, depending on the heatsinking condition of the test setup.
6. The threshold value at which the charger output is reduced to near zero. Guaranteed by design, not tested.
Electrical Specifications
Typical Values Are Tested at USB = CRDL = 5V and ambient temperature is at 25°C, Unless Otherwise Noted.
All Maximum and Minimum Values Are Guaranteed Under the Recommended Operating Conditions. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6293


Similar Part No. - ISL6293-2CR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6293-2CR-T INTERSIL-ISL6293-2CR-T Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6293-2CR-T RENESAS-ISL6293-2CR-T Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6293-2CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com