Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6293-2CRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6293-2CRZ
Description  Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6293-2CRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6293-2CRZ Datasheet HTML 1Page - Intersil Corporation ISL6293-2CRZ Datasheet HTML 2Page - Intersil Corporation ISL6293-2CRZ Datasheet HTML 3Page - Intersil Corporation ISL6293-2CRZ Datasheet HTML 4Page - Intersil Corporation ISL6293-2CRZ Datasheet HTML 5Page - Intersil Corporation ISL6293-2CRZ Datasheet HTML 6Page - Intersil Corporation ISL6293-2CRZ Datasheet HTML 7Page - Intersil Corporation ISL6293-2CRZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN9180.0
PRELIMINARY
ISL6293
Li-ion/Li Polymer Battery Charger
Accepting Two Power Sources
The ISL6293 is a fully integrated low-cost single-cell Li-ion or
Li-polymer battery charger. The charger accepts two power
inputs, normally one from a USB (Universal Serial Bus) port
and another one from a desktop cradle. The ISL6293 is an
ideal charger for smart handheld devices that need to
communicate with a personal computer via USB.
The ISL6293 features 28V and 7V maximum voltages for the
cradle and the USB inputs respectively. The 28V rating
allows low-cost adapters be safely used. When both inputs
are powered, the cradle input is used to charge the battery.
The charge current is independently programmable for both
inputs with two small resistors. One additional USBP pin
allows the selection of high-power or low-power port for the
USB input. The charger is self-protected against over
temperature. If the die temperature rises above 100°C, a
thermal foldback function reduces the charge current
automatically to prevent further temperature rise. The
charger preconditions the battery with low current when the
battery voltage is below 2.6V. The charger has two indication
pins. The PPR (power present) pin outputs an open-drain
logic LOW when either the cradle or the USB input power is
attached. The CHG (charge) pin is also an open-drain output
that indicates a logic LOW when the charge current is above
a minimum current level. When the charge current is below
the minimum current, the charger remains in operation but
the CHG pin indicates a logic HIGH signal. For simplicity, the
charger does not have re-charge or timer functions.
Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Accept Two Power Sources
• Low Component Count
• Integrated Pass Element
• Integrated Charge-Current Sensor with 10% Accuracy
• No External Blocking Diode Required
• Charge Current Thermal Foldback for Thermal
Protection
• 28V Maximum Voltage for the Cradle Input
• Charge Indication
• Adapter Presence Indication
• Less than 1µA Leakage Current off the Battery when No
Input Power Attached
• Ambient Temperature Range: -40°C to 85°C
• Thermally-Enhanced 3x3 DFN Package
• Pb-free Available
Applications
• Smart Handheld Devices
• Cell Phones, PDAs, MP3 Players
• Digital Still Cameras
• Handheld Test Equipment
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Ordering Information
PART #
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6293-2CR
-40 to 85
10 Ld 3x3 DFN L10.3x3
ISL6293-2CRZ (Note)
-40 to 85
10 Ld 3x3 DFN
(Pb-free)
L10.3x3
ISL6293-2CR-T
10 Ld 3x3 DFN Tape and Reel
ISL6293-2CRZ-T (Note)
10 Ld 3x3 DFN Tape and Reel (Pb-free)
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020C.
Pinout
ISL6293-2 (DFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
BAT
ICDL
GND
USBP
IUSB
CRDL
USB
PPR
CHG
EN
Data Sheet
October 5, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6293-2CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6293-2CRZ INTERSIL-ISL6293-2CRZ Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6293-2CRZ RENESAS-ISL6293-2CRZ Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6293-2CRZ-T INTERSIL-ISL6293-2CRZ-T Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6293-2CRZ-T RENESAS-ISL6293-2CRZ-T Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6293-2CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com