Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6292B Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6292B
Description  Li-ion/Li Polymer Battery Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292B Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6292B Datasheet HTML 4Page - Intersil Corporation ISL6292B Datasheet HTML 5Page - Intersil Corporation ISL6292B Datasheet HTML 6Page - Intersil Corporation ISL6292B Datasheet HTML 7Page - Intersil Corporation ISL6292B Datasheet HTML 8Page - Intersil Corporation ISL6292B Datasheet HTML 9Page - Intersil Corporation ISL6292B Datasheet HTML 10Page - Intersil Corporation ISL6292B Datasheet HTML 11Page - Intersil Corporation ISL6292B Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN9139 .1
April 19, 2005
create a hysteresis for each comparator respectively. The
DT pin is shorted to GND via the internal Q3 MOSFET when
the charger is not charging, resulting in the equivalent circuit
shown in Figure 7 (A). The on-resistance of Q3 is typically
50
Ω and is negligible compared to the external resistors.
When the charger starts to charge, Q3 is turned off to set a
higher temperature range determined by the external
resistor RD. The equivalent circuit is shown in Figure 7 (B).
The DT pin allows the user to set up a higher shut down
ambient temperature after the charger starts up.
The selection of RU and RT uses the same procedure
described in the ISL6292 datasheet. The selection RD
follows the following equation:
RD = RT,@45°C - RT,@(45°C + ∆T)
where RT,@45°C is the thermistor resistance at 45°C and the
RT,@(45°C + ∆T) is the resistance at 45°C + ∆T. Figure 8
shows the temperature windows before, during, and after
charging. Before and after charging, the temperature window
is -5°C to 45°C with 5°C hysteresis. During charging, the
high temperature limit changes to 45°C +
∆T. If this limit is
exceeded, the charger is stopped and the temperature has
to come back to below 40°C for the charging to be allowed
again. The low temperature limit is also increased. However,
the RD typically has a much lower resistance than the NTC
at low temperature, therefore, the influence on the
temperature threshold is not as much as at high
temperature. Typically, the low temperature threshold is
raised by less than 2°C, as shown in Figure 8.
Charge Current Thermal Foldback
The thermal foldback function monitors the die temperature
and reduces the charge current when the die temperature
rises above 100°C to prevent further temperature rise. The
charge current reduces at a rate of 100mA/°C after
exceeding 100°C. For a charger with the constant charge
current set at 1A, the charge current is reduced to zero when
the internal temperature rises to 110°C. The actual charge
current settles between 100°C to 110°C.
Usually the charge current should not drop below IMIN
because of the thermal foldback. For some extreme cases if
that does happen, the charger does not indicate end-of-
charge unless the battery voltage is already above the
recharge threshold.
2.9V Bias Voltage
The ISL6292B provides a 2.9V voltage for biasing the
internal control and logic circuit. This voltage is also
available for external circuits such as the NTC thermistor
circuit. The maximum allowed external load is 2mA.
EN Pin
The EN pin allows direct interface to the battery ID pin of a
battery pack. The battery ID pin is connected with a resistor
of a value less than 27k
Ω to ground inside the battery pack.
When the battery is not attached, the EN pin is pulled up by
an internal source to the V2P9 pin to disable the charger.
The 2.9V internal regulator is on as long as the input power
is applied, independent of the EN input. Table 2 summarizes
the status of each pin when the IC is disabled.
FIGURE 7. EQUIVALENT CIRCUITS FOR THE NTC DIVIDER
(A) BEFORE CHARGING STARTS
(B) DURING CHARGING.
V2P9
TEMP
DT
R
U
R
T
R
Q3
GND
V2P9
TEMP
R
U
R
T
R
D
GND
(A)
(B)
TABLE 2. SUMMARY OF PIN BEHAVIOR WHEN THE IC IS
DISABLED BY THE EN PIN
PIN
BEHAVIOR
V2P9
Outputs 2.9V.
RED
High impedance
GRN
High impedance
DT
Low impedance
IREF
Outputs 0.8V
IMIN
Outputs 0.8V
TEMP
The temperature monitoring circuit remains functioning.
FIGURE 8. BOARD TEMPERATURE MONITORING WHEN
THE CHARGE IS NOT CHARGING, THE
TEMPERATURE WINDOW IS -5°C AND 45°C.
ONCE THE CHARGER STARTS, THE
TEMPERATURE WINDOW IS 1.X°C TO 45°C+
∆T.
0oC
45oC
45oC +
∆T
-5oC
40oC
Less than2 °C
CHARGE
NOTCHARGE
NOTCHARGE
ISL6292B


Similar Part No. - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292B INTERSIL-ISL6292B Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Renesas Technology Corp
ISL6292BCR RENESAS-ISL6292BCR Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com