Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33157 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC33157
Description  Half Bridge Controller and Driver for Industrial Linear Tubes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33157 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33157 Datasheet HTML 1Page - ON Semiconductor MC33157 Datasheet HTML 2Page - ON Semiconductor MC33157 Datasheet HTML 3Page - ON Semiconductor MC33157 Datasheet HTML 4Page - ON Semiconductor MC33157 Datasheet HTML 5Page - ON Semiconductor MC33157 Datasheet HTML 6Page - ON Semiconductor MC33157 Datasheet HTML 7Page - ON Semiconductor MC33157 Datasheet HTML 8Page - ON Semiconductor MC33157 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33157
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
High Side Max Voltage
VHS
600
V
Differential Max Voltage VHS – VOUT
DVHS
16
V
High Side Output Voltage Range
VHO
VOUT–0.3 to VHS+0.3
V
Low Side Output Voltage Range
VLO
–0.3 to +16
V
Max VHS Allowable Slew Rate
dVHS/dt
±10
V/ns
Max VHO/VLO Allowable Slew Rate
dVHO/dt, dVLO/dt
±10
V/ns
Supply Voltage (Note 1)
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance Junction–to–Air
Operating Junction Temperature
VDD
PD
R
θJA
TJ
16
600
140
–40 to +150
V
mW
°C/W
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Electrostatic Discharge [HBMI]
ESD
2.0
kV
ELECTRICAL CHARACTERISTICS (VDD = 14V. All parameters are specified for –20°C to 85°C ambient temperature
unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Input Threshold Voltage
Turn–On
Turn–Off
UVON
UVOFF
11
8.0
12
8.5
12.8
9.0
V
V
Clamp Voltage @ ICLAMP = 10 mA
VCLAMP
15
16
16.5
V
Supply Current (Note 2)
IS
12
mA
Standby Current at No Load @ VDD < UVOFF
ISTDBY
1.5
mA
Quiescent Current at No Load @ VDD > UVON
IQ
2.5
mA
OUTPUT DRIVERS (VLO, VHO)
High Side VDSON @ Source current = 250 mA
VDS(P)
880
1500
mV
Low Side VDSON @ Sink current = 300 mA
VDS(N)
880
1500
mV
High Side / Low Side rise time @ COUT = 2 nF
tr
40
ns
High Side / Low Side fall time @ COUT = 2 nF
tf
35
ns
OSCILLATOR
Output Max Frequency
fOSC
250
kHz
Internal Master Clock Duty Cycle
DC
50
%
System operation programming recommended values
ROP
RPH
RENDSWEEP
RDTA
COP
68
68
68
10
100
560
560
2200
250
560
k
W
k
W
k
W
k
W
pF
VCOP High threshold
4.2
V
VCOP Low threshold
2.8
V
ICOP discharging current
400
µA
ICOP over IROP current ratio
2.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn