Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6311ACB-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6311ACB-T
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6311ACB-T Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6311ACB-T Datasheet HTML 1Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 2Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 3Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 4Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 5Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 6Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 7Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 8Page - Intersil Corporation HIP6311ACB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN9035.1
HIP6311A
Microprocessor CORE Voltage Regulator
Multi-Phase Buck PWM Controller
The HIP6311A Multi-Phase Buck PWM control IC together
with HIP6601A, HIP6602A or HIP6603A companion gate
drivers form a precision voltage regulation system for
advanced microprocessors. The HIP6311A controls
microprocessor core voltage regulation by driving 2 to 4
synchronous-rectified buck channels in parallel. The multi-
phase buck topology takes advantage of interleaving phases
to increase ripple frequency and reduce input and output
ripple currents. Resulting in fewer components, reduced
component ratings, lower power dissipation, and smaller
implementation area.
The HIP6311A control IC features a 5 bit digital-to-analog
converter (DAC) that adjusts the core output voltage from
1.100V to 1.850V with an unsurpassed system accuracy of
±0.5% over temperature. The HIP6311A uses a lossless
current sensing approach in which the voltage developed
across the on-resistance of the lower MOSFETs during
conduction is sampled. Current sensing provides the
required signals for precision droop, channel-current
balancing, load sharing, and over-current protection.
Another feature of this control IC is the PGOOD monitor
which is held low until the core voltage increases to within
8% of the programmed voltage. An over-voltage condition is
detected when the output voltage exceeds 115% of the
programmed VID. This results in the converter shutting down
and PGOOD being pulled low. During an under-voltage
condition (output voltage 10% below the programmed VID),
PGOOD transitions low, but the converter continues to
operate.
Features
• Precision CORE Voltage Regulation
- ±0.5% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 1.100V to 1.850V in 25mV Steps
- Programmable Droop Voltage
•RDS(on) Current Sensing
- Accurate Channel Current Balancing
- Loss less Current Sampling
- Low-Cost Implementation
• Fast Transient Response
• Digital Soft Start
• Over Current Protection
• Selection of 2, 3, or 4 Phase Operation
• 50kHz to 1.5MHz Switching Frequency
Pb-free available
Applications
• Desktop Motherboards
• Voltage Regulator Modules
• Servers and Workstations
Pinout
HIP6311A (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
HIP6311ACB
0 to 70
20 Ld SOIC
M20.3
HIP6311ACBZ
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
HIP6311ACBZA
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
PWM2
PGOOD
PWM3
ISEN4
ISEN1
VCC
GND
ISEN3
FB
PWM4
VSEN
COMP
PWM1
ISEN2
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2004, All Rights Reserved


Similar Part No. - HIP6311ACB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6311ACB RENESAS-HIP6311ACB Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311ACBZ RENESAS-HIP6311ACBZ Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311ACBZA RENESAS-HIP6311ACBZA Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6311ACB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com