Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IPM6220A Datasheet(PDF) 2 Page - Intersil Corporation

Part No. IPM6220A
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IPM6220A Datasheet(HTML) 2 Page - Intersil Corporation

  IPM6220A Datasheet HTML 1Page - Intersil Corporation IPM6220A Datasheet HTML 2Page - Intersil Corporation IPM6220A Datasheet HTML 3Page - Intersil Corporation IPM6220A Datasheet HTML 4Page - Intersil Corporation IPM6220A Datasheet HTML 5Page - Intersil Corporation IPM6220A Datasheet HTML 6Page - Intersil Corporation IPM6220A Datasheet HTML 7Page - Intersil Corporation IPM6220A Datasheet HTML 8Page - Intersil Corporation IPM6220A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Block Diagram
-
EA2
REF
POWER-ON
RESET (POR)
SDWNALL
RAMP 1
RAMP 2
CLK
VBATT
LGATE2
VOLT-
CLAMP
OC
2.8V
-
D
>
Q
Q
R
VCC
BOOT2
UGATE2
PHASE2
LGATE2
PGND2
VCC
LGDR2
HGDR2
HI
LO
GATE LOGIC 2
PWM ON
PWM/HYST
DEADTIME
SHUTOFF
-
LGATE2
R1 = 20K
VSEN2
ISEN2
-
PWM
LATCH 2
OC COMP2
HYST ON
-
HYST COMP2
CLK2
CLK2
CLK1
+
-
SECOND
-
EA1
REF
LGATE1
VOLT-
CLAMP
OC LOGIC1
-
D
<
Q
Q
R
VCC
BOOT1
UGATE1
PHASE1
LGATE1
PGND1
VCC
LGDR1
HGDR1
HI
LO
GATE LOGIC 1
PWM ON
PWM/HYST
DEADTIME
SHUTOFF
-
LGATE1
R1 = 20K
VSEN1
ISEN1
-
PWM
LATCH 1
OC COMP1
HYST ON
-
HYST COMP1
CLK1
+
-
PWMMD1
SECOND
SDWN2
SDWN1
REFERENCE
AND
SOFT START
REF
GND
POR
POR
5V-ALWAYS
SDWN
VSEN1
VBATT
SDWN
3.3V-ALWAYS
LDO1
LDO2
PGOOD
OUTPUT
VOLTAGE
MONITOR
OVP2
OVP1
LOGIC2
PWM MODE 1
FIGURE 1.
PWMMD1
PWMMD2
PWMMD2
UVFLT
200ns
VCC
UVFLT
2.5V
OVP1
OVP2
PWM MODE 2
VSEN3
GATE3
CLK1
BOOST
CONTROLLER
REF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn