Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33153 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33153
Description  SINGLE IGBT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33153 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33153 Datasheet HTML 1Page - ON Semiconductor MC33153 Datasheet HTML 2Page - ON Semiconductor MC33153 Datasheet HTML 3Page - ON Semiconductor MC33153 Datasheet HTML 4Page - ON Semiconductor MC33153 Datasheet HTML 5Page - ON Semiconductor MC33153 Datasheet HTML 6Page - ON Semiconductor MC33153 Datasheet HTML 7Page - ON Semiconductor MC33153 Datasheet HTML 8Page - ON Semiconductor MC33153 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33153
4
MOTOROLA ANALOG IC DEVICE DATA
0
15.0
0
2.0
12
2.8
–60
14.0
–60
2.5
–60
3.2
ISource, OUTPUT SOURCE CURRENT (A)
VCC = 15 V
TA = 25°C
ISink, OUTPUT SINK CURRENT (A)
TA = 25°C
VCC = 15 V
VCC, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
ISource = 500 mA
TA, AMBIENT TEMPERATURE (°C)
ISink = 1.0 A
Figure 3. Input Threshold Voltage
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 4. Input Threshold Voltage
versus Supply Voltage
Figure 5. Drive Output Low State Voltage
versus Temperature
Figure 6. Drive Output Low State Voltage
versus Sink Current
Figure 7. Drive Output High State Voltage
versus Temperature
Figure 8. Drive Output High State Voltage
versus Source Current
TA = 25°C
VCC = 15 V
VIH
VIL
VIH
VIL
= 500 mA
= 250 mA
VCC = 15 V
3.0
2.8
2.6
2.4
2.2
2.0
–40
–20
0
20
40
60
80
100
120
140
2.7
2.6
2.5
2.4
2.3
2.2
13
14
15
16
17
18
19
20
2.0
1.5
1.0
0.5
–40
–20
0
20
40
60
80
100
120
140
0
1.6
1.2
0.8
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
120
140
13.9
13.8
13.7
13.6
13.5
14.6
14.2
13.8
13.0
0.1
0.2
0.3
0.4
0.5
0.4
13.4


Similar Part No. - MC33153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
131Kb / 13P
   Single IGBT Gate Driver
July, 2006 ??Rev. 5
MC33153 ONSEMI-MC33153 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33153D ONSEMI-MC33153D Datasheet
131Kb / 13P
   Single IGBT Gate Driver
July, 2006 ??Rev. 5
MC33153DG ONSEMI-MC33153DG Datasheet
131Kb / 13P
   Single IGBT Gate Driver
July, 2006 ??Rev. 5
MC33153DG ONSEMI-MC33153DG Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
More results

Similar Description - MC33153

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
   Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
   Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
   SINGLE IGBT GATE DRIVER
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
   SINGLE IGBT GATE DRIVER
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
   Single IGBT Gate Driver
August, 2013 ??Rev. 8
logo
Motorola, Inc
MC33154 MOTOROLA-MC33154 Datasheet
201Kb / 12P
   SINGLE IGBT HIGH CURRENT GATE DRIVER
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
   IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
   IGBT Gate Driver
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
   IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com