Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33153 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC33153
Description  SINGLE IGBT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33153 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33153
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 15 V, VEE = 0 V, Kelvin Gnd connected to VEE. For typical values
TA = 25°C, for min/max values TA is the operating ambient temperature range that applies (Note 2), unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
SWITCHING CHARACTERISTICS
(continued)
Propagation Delay
µs
Current Sense Input to Drive Output
tP(OC)
0.3
1.0
Fault Blanking/Desaturation Input to Drive Output
tP(FLT)
0.3
1.0
UVLO
Startup Voltage
VCC start
11.3
12
12.6
V
Disable Voltage
VCC dis
10.4
11
11.7
V
COMPARATORS
Overcurrent Threshold Voltage (VPin8 > 7.0 V)
VSOC
50
65
80
mV
Short Circuit Threshold Voltage (VPin8 > 7.0 V)
VSSC
100
130
160
mV
Fault Blanking/Desaturation Threshold (VPin1 > 100 mV)
Vth(FLT)
6.0
6.5
7.0
V
Current Sense Input Current (VSI = 0 V)
ISI
–1.4
–10
µA
FAULT BLANKING/DESATURATION INPUT
Current Source (VPin8 = 0 V, VPin4 = 0 V)
Ichg
–200
–270
–300
µA
Discharge Current (VPin8 = 15 V, VPin4 = 5.0 V)
Idschg
1.0
2.5
mA
TOTAL DEVICE
Power Supply Current
Standby (VPin 4 = VCC, Output Open)
Operating (CL = 1.0 nF, f = 20 kHz)
ICC
7.2
7.9
14
20
mA
NOTES: 1. Kelvin Ground must always be between VEE and VCC.
2. Low duty cycle pulse techniques are used during test to maintain the junction temperature as close to ambient as possible.
Tlow = –40°C for MC33153
Thigh = +105°C for MC33153
0
16
0
1.5
Vin, INPUT VOLTAGE (V)
Figure 1. Input Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
Figure 2. Output Voltage versus Input Voltage
VCC = 15 V
TA = 25°C
VCC = 15 V
TA = 25°C
1.0
0.5
0
2.0
4.0
6.0
8.0
10
12
14
16
14
12
10
8.0
6.0
4.0
2.0
0
1.0
2.0
3.0
4.0
5.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn