Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33153 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC33153
Description  SINGLE IGBT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33153 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Device
Operating
Temperature Range
Package
MC33153
SEMICONDUCTOR
TECHNICAL DATA
SINGLE IGBT
GATE DRIVER
ORDERING INFORMATION
MC33153D
MC33153P
TA = –40° to +105°C
SO–8
DIP–8
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
18
7
6
5
2
3
4
(Top View)
Current Sense
Input
Kelvin Gnd
VEE
Input
Fault Blanking/
Desaturation Input
Drive Output
PIN CONNECTIONS
Order this document by MC33153/D
P SUFFIX
PLASTIC PACKAGE
CASE 626
Fault Output
VCC
8
1
1
MOTOROLA ANALOG IC DEVICE DATA
Single IGBT Gate Driver
The MC33153 is specifically designed as an IGBT driver for high power
applications that include ac induction motor control, brushless dc motor
control and uninterruptable power supplies. Although designed for driving
discrete and module IGBTs, this device offers a cost effective solution for
driving power MOSFETs and Bipolar Transistors. Device protection features
include the choice of desaturation or overcurrent sensing and undervoltage
detection. These devices are available in dual–in–line and surface mount
packages and include the following features:
High Current Output Stage: 1.0 A Source/2.0 A Sink
Protection Circuits for Both Conventional and Sense IGBTs
Programmable Fault Blanking Time
Protection against Overcurrent and Short Circuit
Undervoltage Lockout Optimized for IGBT’s
Negative Gate Drive Capability
Cost Effectively Drives Power MOSFETs and Bipolar Transistors
Representative Block Diagram
This device contains 133 active transistors.
Short Circuit
Latch
Overcurrent
Latch
Fault
Output
S
Q
R
Current
Sense
Input
Kelvin
Gnd
Fault
Blanking/
Desaturation
Input
Drive
Output
Short Circuit
Comparator
Overcurrent
Comparator
Fault Blanking/
Desaturation
Comparator
Under
Voltage
Lockout
Input
VEE
VCC
VCC
VCC
VEE
VEE
VCC
VEE
VCC
VEE
VCC
VEE
VCC
S
Q
R
VCC
VCC
6
7
4
5
3
8
2
1
130 mV
65 mV
270
µA
6.5 V
Output
Stage
12 V/
11 V
100 k
© Motorola, Inc. 1998
Rev 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn