Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33153 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC33153
Description  SINGLE IGBT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33153 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33153
6
MOTOROLA ANALOG IC DEVICE DATA
5.0
–200
12
6.6
6.0
16
–60
–200
–60
6.6
0
0
VCC, SUPPLY VOLTAGE (V)
VPin 4 = 0 V
VPin 8 = 0 V
TA = 25°C
VCC, SUPPLY VOLTAGE (V)
VPin 4 = 0 V
VPin 1 > 100 mV
TA = 25°C
VPin 8, FAULT BLANKING/DESATURATION INPUT VOLTAGE (V)
VCC = 15 V
VPin 4 = 0 V
VPin 1 > 100 mV
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
VPin 8 = 0 V
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
VPin 4 = 0 V
VPin 1 > 100 mV
Figure 15. Current Sense Input Current
versus Voltage
VPin 1, CURRENT SENSE INPUT VOLTAGE (V)
Figure 16. Drive Output Voltage versus Fault
Blanking/Desaturation Input Voltage
VCC = 15 V
TA = 25°C
Figure 17. Fault Blanking/Desaturation Comparator
Threshold Voltage versus Temperature
Figure 18. Fault Blanking/Desaturation Comparator
Threshold Voltage versus Supply Voltage
Figure 19. Fault Blanking/Desaturation Current
Source versus Temperature
Figure 20. Fault Blanking/Desaturation Current
Source versus Supply Voltage
14
12
10
8.0
6.0
4.0
2.0
0
6.2
6.4
6.6
6.8
7.0
–0.5
–1.0
–1.5
4.0
6.0
8.0
10
12
14
16
2.0
6.5
6.4
–20
0
20
40
60
80
100
120
140
–40
6.5
6.4
14
16
18
20
–220
–240
–260
–280
–300
–20
0
20
40
60
80
100
120
140
–40
15
20
10
–220
–240
–260
–280
–300


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn