Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSMD400-16-2920R Datasheet(PDF) 1 Page - Fuzetec Technology Co., Ltd.

Part No. FSMD400-16-2920R
Description  Surface Mountable PTC Resettable Fuse : FSMD2920 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSMD400-16-2920R Datasheet(HTML) 1 Page - Fuzetec Technology Co., Ltd.

  FSMD400-16-2920R Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 4Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 5Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ11-01ER
Product Specification and Approval Sheet Version A9
Page
1/5
NOTE : Specification subject to change without notice.
2016/11/8
Surface Mountable PTC Resettable Fuse : FSMD2920 Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications : All high-density boards
(c) Product Features : 2920 Dimension, Surface mountable, Solid state, Faster time to
trip than standard SMD devices.
(d) Operation Current : 0.30A~5.00A
(e) Maximum Voltage : 6V~60VDC
(f) Temperature Range : -40℃ to 85℃
2. Agency Recognition
UL :
File No. E211981
C-UL:
File No. E211981
TÜ V:
File No. R50090556
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Max Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
A
Sec
Ohms
Ohms
FSMD030-2920-R
0.30
0.60
60
100
1.5
1.5
3.0
1.000
4.800
FSMD050-2920-R
0.50
1.00
60
100
1.5
2.5
4.0
0.300
1.400
FSMD075-2920-R
0.75
1.50
33
100
1.5
8.0
0.3
0.180
1.000
FSMD075-60-2920-R
0.75
1.50
60
100
1.5
8.0
0.3
0.180
1.000
FSMD100-2920-R
1.10
2.20
33
100
1.5
8.0
0.5
0.090
0.410
FSMD100-60-2920R
1.00
2.00
60
100
1.5
8.0
0.5
0.090
0.410
FSMD125-2920-R
1.25
2.50
33
100
1.5
8.0
2.0
0.050
0.250
FSMD150-2920-R
1.50
3.00
33
100
1.5
8.0
2.0
0.050
0.230
FSMD185-2920-R
1.85
3.70
33
100
1.5
8.0
2.5
0.040
0.150
FSMD200-2920-R
2.00
4.00
16
100
1.5
8.0
4.5
0.035
0.120
FSMD200-24-2920-R
2.00
4.00
24
100
1.5
8.0
5.0
0.035
0.120
FSMD250-2920-R
2.50
5.00
16
100
1.5
8.0
16.0
0.025
0.085
FSMD260-2920-R
2.60
5.20
6
100
1.5
8.0
20.0
0.020
0.075
FSMD260-24-2920R
2.60
5.20
24
100
1.5
8.0
20.0
0.020
0.075
FSMD300-2920-R
3.00
5.20
6
100
1.5
8.0
25.0
0.010
0.048
FSMD300-15-2920R
3.00
5.20
15
100
1.5
8.0
20.0
0.010
0.048
FSMD300-24-2920R
3.00
5.20
24
100
1.5
8.0
20.0
0.010
0.048
FSMD400-16-2920R
4.00
8.00
16
100
1.5
20.0
4.0
0.010
0.040
FSMD500-16-2920R
5.00
10.00
16
100
1.5
20.0
5.0
0.005
0.025
IH=Hold current-maximum current at which the device will not trip at 23℃still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
V MAX=Maximum voltage device can withstand without damage at it rated current.(I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃ prior to tripping.
R1MAX=Maximum device resistance at 23℃ measured 1 hour after tripping or reflow soldering of 260℃ for 20 seconds.
Termination pad characteristics
Termination pad materials : Pure Tin


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn