Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSMD400-16-2920R Datasheet(PDF) 4 Page - Fuzetec Technology Co., Ltd.

Part No. FSMD400-16-2920R
Description  Surface Mountable PTC Resettable Fuse : FSMD2920 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSMD400-16-2920R Datasheet(HTML) 4 Page - Fuzetec Technology Co., Ltd.

  FSMD400-16-2920R Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 4Page - Fuzetec Technology Co., Ltd. FSMD400-16-2920R Datasheet HTML 5Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ11-01ER
Product Specification and Approval Sheet Version A9
Page
4/5
NOTE : Specification subject to change without notice.
2016/11/8
F200L
075L
60
7. Material Specification
Terminal pad material : Pure Tin
Soldering characteristics: Meets EIA specification RS 186-9E, ANSI/J-std-002 Category 3
8. Part Numbering and Marking System
Part Numbering System
Part Marking System
F S M D □ □ □
– □ □ – 2920 – R
Example
Warning: -Operation beyond the specified maximum ratings or improper use may result in damage and possible
electrical arcing and/or flame.
-PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent
condition and/or prolonged trip are not anticipated.
甲、
-Avoid contact of PPTC device with chemical solvent. Prolonged contact will damage the device
performance.
F
□ □ □ L
Part Identification
Fuzetec Logo
Current Rating
Voltage Rating
Fuzetec Logo
F
□ □ □ L
□ □
Part Identification
Example
F


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn