Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C420C104K5G5CA Datasheet(PDF) 2 Page - Kemet Corporation

Part # C420C104K5G5CA
Description  MILITARY SPECIFCATIONS ON BACK
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C420C104K5G5CA Datasheet(HTML) 2 Page - Kemet Corporation

  C420C104K5G5CA Datasheet HTML 1Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 2Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 3Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 4Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 5Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 6Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 7Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 8Page - Kemet Corporation C420C104K5G5CA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
CAPACITORS
GR900 and MIL-PRF-123 High-Reliability Ceramic Capacitors are available.
Refer to catalog F-3054 for detailed information. KEMET also manufactures
Tantalum Leaded, and Surface Mount Capacitors — Tantalum and Ceramic.
Refer to catalog F-3100 — Tantalum Leaded, and F3102 — Surface Mount
for detailed information on these products.
KEMET
®
0988 Layout rev
8/9/2000 9:54 AM
Page 2


Similar Part No. - C420C104K5G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C420C104K5R5TA KEMET-C420C104K5R5TA Datasheet
58Kb / 1P
   AxiMax 400 Comm X7R, Ceramic, 0.1 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
More results

Similar Description - C420C104K5G5CA

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
KBJ8A YEASHIN-KBJ8A Datasheet
428Kb / 2P
   TECHNICAL SPECIFCATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Taoglas antenna solutio...
FXR.07.A TAOGLAS-FXR.07.A Datasheet
3Mb / 10P
   Peel and stick 3M adhesive on back
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N5615 MICROSEMI-1N5615 Datasheet
51Kb / 2P
   MILITARY RECTIFIERS
JAN1N3611 MICROSEMI-JAN1N3611 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Microsemi Corporation
1N4245 MICROSEMI-1N4245 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
Vishay Siliconix
MIL-PRF-83401 VISHAY-MIL-PRF-83401 Datasheet
502Kb / 2P
   MILITARY NETWORKS
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com