Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33039P Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33039P
Description  CLOSED LOOP BRUSHLESS MOTOR ADAPTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33039P Datasheet(HTML) 5 Page - ON Semiconductor

  MC33039P Datasheet HTML 1Page - ON Semiconductor MC33039P Datasheet HTML 2Page - ON Semiconductor MC33039P Datasheet HTML 3Page - ON Semiconductor MC33039P Datasheet HTML 4Page - ON Semiconductor MC33039P Datasheet HTML 5Page - ON Semiconductor MC33039P Datasheet HTML 6Page - ON Semiconductor MC33039P Datasheet HTML 7Page - ON Semiconductor MC33039P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC33039
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 3. fout, Pulse Width
versus Timing Resistor
Figure 4. fout, Pulse Width Change
versus Temperature
TA , AMBIENT TEMPERATURE (°C)
RT , TIMING RESISTOR (kΩ)
0
1.0
10
2.0
0.1
100
20
200
0.01
– 55
– 0.8
0
– 25
+ 25
+ 50
+ 125
+ 100
+ 75
– 1.6
+ 0.8
+ 1.6
VCC = 6.25 V
TA = 25°C
CT = 220 nF
CT = 22 nF
CT = 2.2 nF
VCC = 6.25 V
RT = 10 k
CT = 22 nF
Figure 5. fout, Pulse Width Change
versus Supply Voltage
Figure 6. Supply Current versus
Supply Voltage
0
VCC , SUPPLY VOLTAGE (V)
4.0
4.5
+ 4.0
+ 2.0
0
– 2.0
– 4.0
5.5
6.5
7.5
8.5
VCC , SUPPLY VOLTAGE (V)
2.0
6.0
4.0
8.0
10
8.0
0
12
16
20
TA = 25°C
Pins 1, 2, 3
Connected
together
TA = 25°C
TA = 125°C
TA = – 40°C
+ 0.4
0
0
TA , AMBIENT TEMPERATURE (°C)
0
+ 125
+ 0.6
+ 0.4
+ 0.2
IO , OUTPUT LOAD CURRENT (mA)
4.0
8.0
12
16
+ 0.2
– 4.0
– 2.0
0
0
0
+ 25
– 25
– 55
–16
– 8.0
+ 8.0
+ 50
+16
+ 75
+ 100
– 0.2
Figure 7. fout, Saturation
versus Load Current
Figure 8. fout, Saturation Change
versus Temperature
VCC = 6.25 V
TA = 25°C
Source Saturation
(Load to Ground)
VCC
Gnd
Sink Saturation
(Load to VCC)
VCC = 6.25 V
IO = 5.0 mA
∆Sink Saturation
(Load to VCC)
∆Source Saturation
(Load to Ground)


Similar Part No. - MC33039P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33039P ONSEMI-MC33039P Datasheet
113Kb / 8P
   Closed Loop Brushless Motor Adapter
April, 2006 ??Rev. 5
MC33039PG ONSEMI-MC33039PG Datasheet
113Kb / 8P
   Closed Loop Brushless Motor Adapter
April, 2006 ??Rev. 5
More results

Similar Description - MC33039P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33039 ONSEMI-MC33039_06 Datasheet
113Kb / 8P
   Closed Loop Brushless Motor Adapter
April, 2006 ??Rev. 5
logo
List of Unclassifed Man...
NEMA17 ETC-NEMA17 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
logo
International Rectifier
OMC506 IRF-OMC506 Datasheet
75Kb / 7P
   Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
List of Unclassifed Man...
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com