Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29C51004T12J Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S29C51004T12J
Description  4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S29C51004T12J Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S29C51004T12J Datasheet HTML 1Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 2Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 3Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 4Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 5Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 6Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 7Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 8Page - List of Unclassifed Manufacturers S29C51004T12J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
S29C51004T/S29C51004B V1.0 May 2002
Functional Block Diagram
Capacitance (1,2)
NOTE:
1.
Capacitance is sampled and not 100% tested.
2.
TA = 25°C, VCC = 5V ± 10%, f = 1 MHz.
Latch Up Characteristics(1)
NOTE:
1.
Includes all pins except VCC. Test conditions: VCC = 5V, one pin at a time.
AC Test Load
Symbol
Parameter
Test Setup
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0
6
8
pF
COUT
Output Capacitance
VOUT = 0
8
12
pF
CIN2
Control Pin Capacitance
VIN = 0
8
10
pF
Parameter
Min.
Max.
Unit
Input Voltage with Respect to GND on A9, OE
-1
+13
V
Input Voltage with Respect to GND on I/O, address or control pins
-1
VCC + 1
V
VCC Current
-100
+100
mA
Address buffer & latches
A0–A18
51004-07
I/O Buffer & Data Latches
I/O0–I/O7
Y-Decoder
4,194,304 Bit
Memory Cell Array
X-Decoder
Control Logic
CE
OE
WE
51004-08
IN3064 or Equivalent
IN3064
or Equivalent
2.7 k
6.2 k
+5.0 V
IN3064 or Equivalent
IN3064 or Equivalent
CL = 100 pF
Device Under
Test
SyncMOS Technologies Inc.
S29C51004T/S29C51004B
4 MEGABIT (524,288 x 8 BIT)
5 VOLT CMOS FLASH MEMORY


Similar Part No. - S29C51004T12J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S29C51001 ETC1-S29C51001 Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001B ETC1-S29C51001B Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - S29C51004T12J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com