Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1489M Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC1489M
Description  Quad Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489M Datasheet(HTML) 4 Page - ON Semiconductor

  MC1489M Datasheet HTML 1Page - ON Semiconductor MC1489M Datasheet HTML 2Page - ON Semiconductor MC1489M Datasheet HTML 3Page - ON Semiconductor MC1489M Datasheet HTML 4Page - ON Semiconductor MC1489M Datasheet HTML 5Page - ON Semiconductor MC1489M Datasheet HTML 6Page - ON Semiconductor MC1489M Datasheet HTML 7Page - ON Semiconductor MC1489M Datasheet HTML 8Page - ON Semiconductor MC1489M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC1489, MC1489A
http://onsemi.com
4
Vin
VR
All diodes
1N3064
or equivalent
Eo
R
tTLH and tTHL
measured
10% − 90%
Figure 3. Switching Response
C
1/4
MC1489A
RL
5.0 Vdc
50%
50%
3.0 V
Ein
tTHL
CL = 15 pF = total parasitic capacitance which includes
probe and wiring capacitances
1.5 V
1.5 V
tTLH
tPLH
Response Node
VO
Ein
CL
C, capacitor is for noise filtering.
R, resistor is for threshold shifting.
EO
Figure 4. Response Control Node
TEST CIRCUITS


Similar Part No. - MC1489M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489M ONSEMI-MC1489M Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC1489MEL ONSEMI-MC1489MEL Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC1489MELG ONSEMI-MC1489MELG Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC1489MG ONSEMI-MC1489MG Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
More results

Similar Description - MC1489M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com