Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2322-592-2316 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 2322-592-2316
Description  The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322-592-2316 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 2322-592-2316 Datasheet HTML 5Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 6Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 7Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 8Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 9Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 10Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 11Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 12Page - Vishay Siliconix 2322-592-2316 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2322 59. .....
Vishay BCcomponents
Varistors
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29081
224
Revision: 10-Oct-03
TAPING DATA (based on “IEC 60286-2” )
SYMBOL
PARAMETER
DIMENSIONS
NOMINAL (mm)
TOLERANCE
(mm)
REMARKS
D
body diameter
see Component Dimensions table
T
total thickness
see Component Dimensions table
A0; A
mounting height
see Component Dimensions table
∅d
lead diameter
see Component Dimensions table
F
lead to lead distance
see Component Dimensions table
guaranteed between component and tape
P
component pitch
12.7 or 25.4
±1.0
P0
feed hole pitch
12.7
±0.3
cumulative pitch error ±1
P1
feed hole centre to lead centre
3.85 or 8.95
±0.7
guaranteed between component and tape
∆p
component alignment
0.0
±1.3
∆h
component alignment
0.0
±2.0
W
tape width
18.0
+1.0/−0.5
W0
hold down tape width
≥12.5
W1
hole position
9.0
±0.5
W2
hold down tape position
≤3.0
H
height between component
and tape centre
18.0
+2.0/−0.0
straight lead version 2322 594 and 2322 595
20.0
+2.0/−0.0
straight lead version 2322 592 and 2322 593
H0
lead-wire flange height
16.0 or 18.25
±0.5
flanged and kinked lead versions
D0
feed hole diameter
4.0
±0.2
t
total tape thickness
≤1.4
with cardboard tape 0.5 ±0.1 mm
VARISTORS ON TAPE IN AMMOPACK
TYPE
2322 592 .....
∅MM
14 V TO 460 V
2322 593 .....
∅7 MM
14 V TO 460 V
2322 594 .....
∅10 MM
14 V TO 550 V
2322 595 .....
∅14 MM
14V TO 550 V
Straight leads;
H = 18 or 20 mm; see Taped version
with straight leads (only for 2322 592
and 2322 593 series) and Taped
version with straight leads (only for
2322 594 and 2322 595 series)
drawings
0...7
0...7
0...7
0...7
Straight leads with flange;
H0 = 16 mm; see Taped version with
flanged leads (onlt for 2322 592 and
2322 593 series) drawing
1...7
1...7
−−
Straight leads with flange;
H0 = 18.25 mm; see Taped version
with flanged leads (onlt for 2322 592
and 2322 593 series) drawing
2...7
2...7
−−
Kinked leads;
H0 = 18.25 mm; see Taped version
with kinked leads (only for 2322 594
and 2322 595 series) drawing
3...7
3...7
3...7
3...7
Kinked leads;
H0 = 16 mm; see Taped version with
kinked leads (only for 2322 592 and
2322 593 series) drawing
8...7
8...7
8...7
8...7
Package quantities
14 to 175 V
1500
1500
750
750
230 to 460 V
1000
1000
−−
230 to 300 V
−−
600
600
320 to 550 V
−−
500
500


Similar Part No. - 2322-592-2316

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-592-2316

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com