Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33033 Datasheet(PDF) 12 Page - ON Semiconductor

Part # MC33033
Description  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33033 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button MC33033 Datasheet HTML 8Page - ON Semiconductor MC33033 Datasheet HTML 9Page - ON Semiconductor MC33033 Datasheet HTML 10Page - ON Semiconductor MC33033 Datasheet HTML 11Page - ON Semiconductor MC33033 Datasheet HTML 12Page - ON Semiconductor MC33033 Datasheet HTML 13Page - ON Semiconductor MC33033 Datasheet HTML 14Page - ON Semiconductor MC33033 Datasheet HTML 15Page - ON Semiconductor MC33033 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MC33033
12
MOTOROLA ANALOG IC DEVICE DATA
Figure 20. PWM Timing Diagram
Current Sense
Input
Capacitor CT
Error Amp Out/
PWM Input
Latch “Set”
Inputs
Top Drive
Outputs
Bottom Drive
Outputs
Figure 21. Reference Output Buffers
The NPN circuit is recommended for powering Hall or opto sensors, where the
output voltage temperature coefficient is not critical. The PNP circuit is slightly
more complex, but also more accurate. Neither circuit has current limiting.
To
Control
Circuitry
6.25 V
Sensor
Power
≈5.6 V
MPS
U51A
Vin
14
UVLO
MPS
U01A
Vin
To Control Circuitry
and Sensor Power
6.25 V
UVLO
14
36
REF
7
0.1
REF
7
Load
Figure 22. High Voltage Interface with
NPN Power Transistors
Figure 23. High Voltage Interface with
N–Channel Power MOSFETs
Transistor Q1 is a common base stage used to level shift from VCCtothehigh
motor voltage, VM. The collector diode is required if VCC is present while VM
is low.
Load
Q4
VM
VCC
Q2
Q3
Q1
17
20
1
2
AT
BT
CT
Rotor
Position
Decoder
16
15
VCC = 12 V
1N4744
VM = 170 V
VBoost
1.0 k
5
4
6
2
4.7 k
1.0 M
1
MOC8204
Optocoupler
17
20
1
2
AT
BT
CT
Rotor
Position
Decoder
16
15


Similar Part No. - MC33033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033DW ONSEMI-MC33033DW Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWG ONSEMI-MC33033DWG Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWR2 ONSEMI-MC33033DWR2 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWR2G ONSEMI-MC33033DWR2G Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033P ONSEMI-MC33033P Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
More results

Similar Description - MC33033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com