Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC1776CP1 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC1776CP1
Description  PROGRAMMABLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC1776CP1 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC1776C
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +3.0 V, VEE = –3.0 V, Iset = 1.5 µA, TA = +25°C, unless otherwise noted.*)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 kΩ)
VIO
mV
TA = +25°C
2.0
6.0
Tlow* ≤ TA ≤ Thigh*
7.5
Offset Voltage Adjustment Range
VIOR
9.0
mV
Input Offset Current
IIO
nA
TA = +25°C
0.7
6.0
TA = Thigh
6.0
TA = Tlow
10
Input Bias Current
IIB
nA
TA = +25°C
2.0
10
TA = Thigh
10
TA = Tlow
20
Input Resistance
ri
50
M
Input Capacitance
ci
2.0
pF
Input Voltage Range
VID
V
Tlow ≤ TA ≤ Thigh
+1.0
Large Signal Voltage Gain
AVOL
V/V
RL ≥ 75 kΩ, VO = ±1.0 V, TA = +25°C
25 k
200 k
RL ≥ 75 kΩ, VO = ±1.0 V, Tlow ≤ TA ≤ Thigh
25 k
Output Voltage Swing
VO
V
RL ≥ 75 kΩ, Tlow ≤ TA ≤ Thigh
±2.0
±2.4
Output Resistance
ro
5.0
k
Output Short Circuit Current
ISC
3.0
mA
Common Mode Rejection
CMR
dB
RS ≤ 10 kΩ, Tlow ≤ TA ≤ Thigh
70
86
Supply Voltage Rejection Ratio
PSRR
µV/V
RS ≤ 10 kΩ, Tlow ≤ TA ≤ Thigh
25
200
Supply Current
ICC, IEE
µA
TA = +25°C
13
20
Tlow ≤ TA ≤ Thigh
25
Power Dissipation
PD
µW
TA = +25°C
78
120
Tlow ≤ TA ≤ Thigh
150
Transient Response (Unity Gain)
Vin = 20 mV, RL ≥ 5.0 kΩ, CL = 100 pF
Rise Time
tTLH
3.0
µs
Overshoot
os
0
%
Slew Rate (RL ≥ 5.0 kΩ)
SR
0.03
V/
µs
*Tlow = 0°CThigh = +70°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn