Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14C89ABP Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14C89ABP
Description  QUAD LOW POWER LINE RECEIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14C89ABP Datasheet(HTML) 4 Page - ON Semiconductor

  MC14C89ABP Datasheet HTML 1Page - ON Semiconductor MC14C89ABP Datasheet HTML 2Page - ON Semiconductor MC14C89ABP Datasheet HTML 3Page - ON Semiconductor MC14C89ABP Datasheet HTML 4Page - ON Semiconductor MC14C89ABP Datasheet HTML 5Page - ON Semiconductor MC14C89ABP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC14C89B, AB
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 4. Typical Short Circuit Current
versus Temperature
Figure 5. Typical Threshold Voltage
versus Temperature
Figure 6. Typical Threshold Voltage
versus Temperature
Figure 7. Typical Effect of Response
Control Pin Bias
Figure 8. Typical Noise Pulse Rejection
VIL @ Vbat = –10 V
VIH
VIL
1.6
MC14C89AB
MC14C89B
VCC = 5.5 V
Normally High Output Shorted to Ground
–15
–10
–5.0
0
5.0
10
15
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
4.5 V
t VCC t 5.5 V
20 k
30 k
0
BIAS RESISTANCE (RRC)
5.0
4.0
3.0
2.0
1.0
0
85
57.5
25
–7.5
–40
VIL
VIH
TA, AMBIENT TEMPERATURE (°C)
MC14C89B
4.5 V
t VCC t 5.5 V
85
57.5
Nominal VIL
–7.5
–40
0.8
1.0
1.2
1.4
Normally Low Output Shorted to VCC
1.8
2.0
85
57.5
25
–7.5
–40
0.8
1.0
1.2
1.4
1.6
1.8
2.0
MC14C89AB
MC14C89B
Pulse Rate = 300 kHz
RC Pin Open
Noise Pulse Rejection
2.0
2.5
3.0
3.5
4.0
4.5
5.0
PW, INPUT PULSE WIDTH (
µs)
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
Vbat
RRC
+
RC
10 k
40 k
50 k
MC14C89AB
4.5 V
t VCC t 5.5 V
25
VIL @ Vbat = –3.0 V


Similar Part No. - MC14C89ABP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BD MOTOROLA-MC14C88BD Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BP MOTOROLA-MC14C88BP Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
More results

Similar Description - MC14C89ABP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com