Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1496BP Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC1496BP
Description  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496BP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC1496BP Datasheet HTML 2Page - ON Semiconductor MC1496BP Datasheet HTML 3Page - ON Semiconductor MC1496BP Datasheet HTML 4Page - ON Semiconductor MC1496BP Datasheet HTML 5Page - ON Semiconductor MC1496BP Datasheet HTML 6Page - ON Semiconductor MC1496BP Datasheet HTML 7Page - ON Semiconductor MC1496BP Datasheet HTML 8Page - ON Semiconductor MC1496BP Datasheet HTML 9Page - ON Semiconductor MC1496BP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
6
+Vo
3
3.9 k
VCC
12 Vdc
8
MC1496
2
Re = 1.0 k
1.0 k
0.5 V
1.0 k
50
+
VS
−Vo
10
1
6
4
14
5
12
6.8 k
−8.0 Vdc
VEE
3.9 k
A
CM +
20 log
Vo
V
S
Figure 9. Common Mode Gain
Figure 10. Signal Gain and Output Swing
Figure 11. Sideband Output versus
Carrier Levels
Figure 12. Signal−Port Parallel−Equivalent
Input Resistance versus Frequency
Figure 13. Signal−Port Parallel−Equivalent
Input Capacitance versus Frequency
Figure 14. Single−Ended Output Impedance
versus Frequency
TYPICAL CHARACTERISTICS
Typical characteristics were obtained with circuit shown in Figure 5, fC = 500 kHz (sine wave),
VC = 60 mVrms, fS = 1.0 kHz, VS = 300 mVrms, TA = 25°C, unless otherwise noted.
I5 =
1.0 mA
+Vo
3
3.9 k
VCC
12 Vdc
2
Re = 1.0 k
−Vo
6
14
5
12
6.8 k
−8.0 Vdc
VEE
3.9 k
0.5 V
+ −
1.0 k
1.0 k
VS
50
1.0
2.0
0
140
−rip
+rip
14
12
10
8.0
6.0
4.0
0
100
10
120
0
10
1.0
20
5.0
100
40
50
1.0
1.0
f, FREQUENCY (MHz)
80
200
2.0
5.0
10
100
100
500
1.0 M
60
50
100
10
2.0
3.0
2.0
1.0
0
5.0
400 mV
Signal Input = 600 mV
4.0
VC, CARRIER LEVEL (mVrms)
1.6
0
0.8
0
0.4
1.2
100
50
150
5.0
100 mV
200 mV
300 mV
50
20
f, FREQUENCY (MHz)
f, FREQUENCY (MHz)
MC1496
8
10
1
4
rop
cop


Similar Part No. - MC1496BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496BP ONSEMI-MC1496BP Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BPG ONSEMI-MC1496BPG Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

Similar Description - MC1496BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com