Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14584 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14584
Description  Hex Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14584 Datasheet(HTML) 3 Page - ON Semiconductor

  MC14584 Datasheet HTML 1Page - ON Semiconductor MC14584 Datasheet HTML 2Page - ON Semiconductor MC14584 Datasheet HTML 3Page - ON Semiconductor MC14584 Datasheet HTML 4Page - ON Semiconductor MC14584 Datasheet HTML 5Page - ON Semiconductor MC14584 Datasheet HTML 6Page - ON Semiconductor MC14584 Datasheet HTML 7Page - ON Semiconductor MC14584 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14584B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
Total Supply Current (5.) (6.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.8 µA/kHz) f + IDD
IT = (3.6 µA/kHz) f + IDD
IT = (5.4 µA/kHz) f + IDD
µAdc
Hysteresis Voltage
VH (7.)
5.0
10
15
0.27
0.36
0.77
1.0
1.3
1.7
0.25
0.3
0.6
0.6
0.7
1.1
1.0
1.2
1.5
0.21
0.25
0.50
1.0
1.2
1.4
Vdc
Threshold Voltage
Positive–Going
VT+
5.0
10
15
1.9
3.4
5.2
3.5
7.0
10.6
1.8
3.3
5.2
2.7
5.3
8.0
3.4
6.9
10.5
1.7
3.2
5.2
3.4
6.9
10.5
Vdc
Negative–Going
VT–
5.0
10
15
1.6
3.0
4.5
3.3
6.7
9.7
1.6
3.0
4.6
2.1
4.6
6.9
3.2
6.7
9.8
1.5
3.0
4.7
3.2
6.7
9.9
Vdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.
7. VH = VT+ – VT– (But maximum variation of VH is specified as less than VT + max – VT – min).


Similar Part No. - MC14584

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584B ONSEMI-MC14584B Datasheet
99Kb / 7P
   Hex Schmitt Trigger
May, 2014 ??Rev. 9
MC14584BCP ONSEMI-MC14584BCP Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BCPG ONSEMI-MC14584BCPG Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BD ONSEMI-MC14584BD Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC14584

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com