Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1494P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC1494P
Description  LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1494P Datasheet(HTML) 1 Page - ON Semiconductor

  MC1494P Datasheet HTML 1Page - ON Semiconductor MC1494P Datasheet HTML 2Page - ON Semiconductor MC1494P Datasheet HTML 3Page - ON Semiconductor MC1494P Datasheet HTML 4Page - ON Semiconductor MC1494P Datasheet HTML 5Page - ON Semiconductor MC1494P Datasheet HTML 6Page - ON Semiconductor MC1494P Datasheet HTML 7Page - ON Semiconductor MC1494P Datasheet HTML 8Page - ON Semiconductor MC1494P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Order this document by MC1494/D
LINEAR FOUR–QUADRANT
MULTIPLIER INTEGRATED
CIRCUIT
SEMICONDUCTOR
TECHNICAL DATA
MC1494
P SUFFIX
PLASTIC PACKAGE
CASE 648C
ORDERING INFORMATION
Package
Tested Operating
Temperature Range
Device
MC1494P
TA = 0° to + 70°C
Plastic DIP
1
16
1
MOTOROLA ANALOG IC DEVICE DATA
Linear Four-Quadrant
Multiplier
The MC1494 is designed for use where the output voltage is a linear
product of two input voltages. Typical applications include: multiply, divide,
square root, mean square, phase detector, frequency doubler, balanced
modulator/ demodulator, electronic gain control.
The MC1494 is a variable transconductance multiplier with internal
level–shift circuitry and voltage regulator. Scale factor, input offsets and output
offset are completely adjustable with the use of four external potentiometers.
Two complementary regulated voltages are provided to simplify offset
adjustment and improve power supply rejection.
Operates with ±15 V Supplies
Excellent Linearity: Maximum Error (X or Y) ±1.0 %
Wide Input Voltage Range: ±10 V
Adjustable Scale Factor, K (0.1 nominal)
Single–Ended Output Referenced to Ground
Simplified Offset Adjust Circuitry
Frequency Response (3.0 dB Small–Signal): 1.0 MHz
Power Supply Sensitivity: 30 mV/V typical
© Motorola, Inc. 1996
Rev 0
0
+
k =
1
10
X
Y
KXY
TA, AMBIENT TEMPERATURE (°C)
1.00
0.75
0.50
0.25
0
– 50
0
50
125
–10
– 8.0 – 6.0 – 4.0 – 2.0
0
2.0
4.0
6.0
8.0
10
VX, INPUT VOLTAGE (V)
–10
– 8.0
– 4.0
– 2.0
2.0
– 6.0
4.0
6.0
8.0
10
Figure 1. Multiplier Transfer Characteristic
Figure 2. Linearity Error versus Temperature
– 25
25
75
100


Similar Part No. - MC1494P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results

Similar Description - MC1494P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com