Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1494 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC1494
Description  LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1494 Datasheet(HTML) 4 Page - ON Semiconductor

  MC1494 Datasheet HTML 1Page - ON Semiconductor MC1494 Datasheet HTML 2Page - ON Semiconductor MC1494 Datasheet HTML 3Page - ON Semiconductor MC1494 Datasheet HTML 4Page - ON Semiconductor MC1494 Datasheet HTML 5Page - ON Semiconductor MC1494 Datasheet HTML 6Page - ON Semiconductor MC1494 Datasheet HTML 7Page - ON Semiconductor MC1494 Datasheet HTML 8Page - ON Semiconductor MC1494 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC1494
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 9. Power Supply Sensitivity
Figure 10. Burn–In
14
5
+15 V
VS
100 Hz
VR–VR+
–15 V
VO
16
NC
VO
15
14
13
12
11
10
9
Vin – +10 V
16 k
1
2
3
4
5
6
7
8
62 k
–15 V
30 k
8.2 k
2
4
13
10
6
9
11
12
78
1
3
30 k
62 k
16 k
RX
RY
47 k
15
0.1
µF
0.1
µF
8.2 k
0.1
µF
+15 V
47 k
MC1494
MC1494
+
+
+
Figure 11. Frequency Response of Y Input
versus Load Resistance
Figure 12. Frequency Response of X Input
versus Load Resistance
0.4
0.3
0.2
0.1
0
2.0
4.0
6.0
8.0
10
4.0
8.0
12
16
20
RX (kΩ)
RY (kΩ)
15
10
5.0
0
– 5.0
–10
–15
–20
103
104
105
106
107
f, FREQUENCY (Hz)
Figure 13. Linearity versus RX or RY with K = 1
Figure 14. Linearity versus RX or RY with K = 1/10
103
104
105
106
107
f, FREQUENCY (Hz)
15
10
5.0
0
–10
–15
–20
0.6
0.5
0.4
0.3
0.2
20
30
40
50
40
60
80
100
RX (kΩ)
RY (kΩ)
– 5.0
VY = 1.0 Vrms, VX = 10 Vdc
RX = 30 kΩ, RY = 62 kΩ
CO = 6.0 pF
CO = 6.0 pF
RX = 30 kΩ, RY = 62 KΩ
VX = 1.0 Vrms, VY = 10 Vdc
RL = 1.0 kΩ
RL = 47 kΩ
RL = 33 kΩ
RL = 10 kΩ
RL = 1.0 kΩ
RL = 33 kΩ
RL = 47 kΩ
RL =
10 k
RL Adjusted for K = 1
Vin = 2.0 Vpp
Vin = 20 Vpp
RL Adjusted for K = 1/10


Similar Part No. - MC1494

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results

Similar Description - MC1494

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com