Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1494 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC1494
Description  LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1494 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC1494 Datasheet HTML 2Page - ON Semiconductor MC1494 Datasheet HTML 3Page - ON Semiconductor MC1494 Datasheet HTML 4Page - ON Semiconductor MC1494 Datasheet HTML 5Page - ON Semiconductor MC1494 Datasheet HTML 6Page - ON Semiconductor MC1494 Datasheet HTML 7Page - ON Semiconductor MC1494 Datasheet HTML 8Page - ON Semiconductor MC1494 Datasheet HTML 9Page - ON Semiconductor MC1494 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC1494
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 17. Internal Schematic
(Recommended External Circuitry is Depicted within Dotted Lines)
Block Diagram
15
+V
2 + 4.3 V
+ VR
3
4
–VR
– 4.3 V
1
R1
Current and Voltage
Regulator
9
6
VY
+
+
Four Quadrant
Multiplier
IA
IB
10
13
VX
78
11
12
Differential
Current
Converter
14
IO
(IO = IA – IB)
5
–V
15
+V
I1 Constant
Current
Source
Control
+ 9.4 V
8.7 k
8.7 k
7.2 k
7.2 k
– 9.4 V
I1
3I1
4
– 4.3 V
2
3
+ 4.3 V
+ 8.7 V
R1
I1
I1
2.4 V
Simplified Circuit
Schematic
2 I1
1.7 V 2 I1
14
IO
IA
IB
9
6
VY
78
RY I
1
I1
I1
RX I
1
13
10
VX
500
500
–V
5
15
+V
500
500
5.4 k
500
3.0 k
7.2 k
8.7 k
8.7 k
7.2 k
7.2 k
2
+ VR
1
3
R1
GND
+VR
4
5
–V
Complete Circuit
Schematic
9
VY
6
10 k
7
8
RY
10 k
10 k
10 k
10
+
13
VX
12
11
RX
500
500
Regulator
Multiplier
Differential
Current Converter
IO
14
500
500
500
500
2.0 k
2.0 k
10 pF
10 pF
500
500
500
500
500
500
500
500
500
11
12
RY
RX
+ VR
–VR
This device contains 44 active transistors.


Similar Part No. - MC1494

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results

Similar Description - MC1494

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com