Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2015EH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG2015EH
Description  20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2015EH Datasheet(HTML) 6 Page - NXP Semiconductors

  PMEG2015EH Datasheet HTML 1Page - NXP Semiconductors PMEG2015EH Datasheet HTML 2Page - NXP Semiconductors PMEG2015EH Datasheet HTML 3Page - NXP Semiconductors PMEG2015EH Datasheet HTML 4Page - NXP Semiconductors PMEG2015EH Datasheet HTML 5Page - NXP Semiconductors PMEG2015EH Datasheet HTML 6Page - NXP Semiconductors PMEG2015EH Datasheet HTML 7Page - NXP Semiconductors PMEG2015EH Datasheet HTML 8Page - NXP Semiconductors PMEG2015EH Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
9397 750 14916
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 7 April 2005
6 of 9
Philips Semiconductors
PMEG2015EH; PMEG2015EJ
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 7.
Reflow soldering footprint SOD323F (SC-90)
001aab169
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste


Similar Part No. - PMEG2015EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2015EH PHILIPS-PMEG2015EH Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG2015EH NEXPERIA-PMEG2015EH Datasheet
693Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03 - 15 January 2010
logo
NXP Semiconductors
PMEG2015EH NXP-PMEG2015EH_10 Datasheet
115Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2015EH PHILIPS-PMEG2015EH_15 Datasheet
115Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
More results

Similar Description - PMEG2015EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2015EH PHILIPS-PMEG2015EH_15 Datasheet
115Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2015EH NXP-PMEG2015EH_10 Datasheet
115Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2015EH NEXPERIA-PMEG2015EH Datasheet
693Kb / 9P
   20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03 - 15 January 2010
logo
NXP Semiconductors
PMEG2020EH PHILIPS-PMEG2020EH Datasheet
115Kb / 10P
   20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EH PHILIPS-PMEG2020EH Datasheet
60Kb / 10P
   20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EH_EJ PHILIPS-PMEG2020EH_EJ_15 Datasheet
115Kb / 10P
   20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2020EH NXP-PMEG2020EH Datasheet
115Kb / 10P
   20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2015EPK PHILIPS-PMEG2015EPK_15 Datasheet
1Mb / 14P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-6 March 2012
logo
Nexperia B.V. All right...
PMEG2015EPK NEXPERIA-PMEG2015EPK Datasheet
1Mb / 15P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com