Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14569BDWR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14569BDWR2
Description  Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14569BDWR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14569BDWR2 Datasheet HTML 2Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 3Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 4Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 5Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 6Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 7Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 8Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 9Page - ON Semiconductor MC14569BDWR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC14569B
http://onsemi.com
6
PIN DESCRIPTIONS
INPUTS
P0, P1, P2, P3 (Pins 3, 4, 5, 6) — Preset Inputs.
Programmable inputs for the least significant counter. May
be binary or BCD depending on the control input.
P4, P5, P6, P7 (Pins 11, 12, 13, 14) — Preset Inputs.
Programmable inputs for the most significant counter. May
be binary or BCD depending on the control input.
Clock (Pin 9) — Preset data is decremented by one on
each positive transition of this signal.
OUTPUTS
Zero Detect (Pin 1) — This output is normally low and
goes high for one clock cycle when the counter has
decremented to zero.
Q (Pin 15) — Output of the last stage of the most
significant counter. This output will be inactive unless the
preset input P7 has been set high.
CONTROLS
Cascade Feedback (Pin 7) — This pin is normally set
high. When low, loading of the preset inputs (P0 through P7)
is inhibited, i.e., P0 through P7 are “don’t cares.” Refer to
Table 1 for output characteristics.
CTL1 (Pin 2) — This pin controls the counting mode of
the least significant counter. When set high, counting mode
is BCD. When set low, counting mode is binary.
CTL2 (Pin 10) — This pin controls the counting mode of
the most significant counter. When set high, counting mode
is BCD. When set low, counting mode is binary.
SUPPLY PINS
VSS (Pin 18) — Negative Supply Voltage. This pin is
usually connected to ground.
VDD (Pin 16) — Positive Supply Voltage. This pin is
connected to a positive supply voltage ranging from 3.0
volts to 18.0 volts.
OPERATING CHARACTERISTICS
The MC14569B is a programmable divide–by–N dual
4–bit down counter. This counter may be programmed (i.e.,
preset) in BCD or binary code through inputs P0 to P7. For
each counter, the counting sequence may be chosen
independently by applying a high (for BCD count) or a low
(for binary count) to the control inputs CTL1 and CTL2.
The divide ratio N (N being the value programmed on the
preset inputs P0 to P7) is automatically loaded into the
counter as soon as the count 1 is detected. Therefore, a
division ratio of one is not possible. After N clock cycles,
one pulse appears on the Zero Detect output. (See Timing
Diagram.) The Q output is the output of the last stage of the
most significant counter (See Tables 1 through 5, Mode
Controls.)
When cascading the MC14569B to the MC14526B, the
Cascade Feedback input, Q, and Zero Detect outputs must
be respectively connected to “0”, Clock, and Load of the
following counter. If the MC14569B is used alone, Cascade
Feedback must be connected to VDD.
18
16
14
12
10
8.0
6.0
4.0
2.0
0
+ 100
+80
+60
+40
+20
0
–20
–40
TA, AMBIENT TEMPERATURE (°C)
CL = 50 pF
VDD = 15 V
10 V
5.0 V


Similar Part No. - MC14569BDWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14569BDWR2 ONSEMI-MC14569BDWR2 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
MC14569BDWR2G ONSEMI-MC14569BDWR2G Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
MC14569BDWR2G ONSEMI-MC14569BDWR2G Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
More results

Similar Description - MC14569BDWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B_14 Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
ON Semiconductor
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com