Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14555BFEL Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14555BFEL
Description  Dual Binary to 1-of-4 Decoder/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14555BFEL Datasheet(HTML) 4 Page - ON Semiconductor

  MC14555BFEL Datasheet HTML 1Page - ON Semiconductor MC14555BFEL Datasheet HTML 2Page - ON Semiconductor MC14555BFEL Datasheet HTML 3Page - ON Semiconductor MC14555BFEL Datasheet HTML 4Page - ON Semiconductor MC14555BFEL Datasheet HTML 5Page - ON Semiconductor MC14555BFEL Datasheet HTML 6Page - ON Semiconductor MC14555BFEL Datasheet HTML 7Page - ON Semiconductor MC14555BFEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14555B, MC14556B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ (8.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time — A, B to Output
tPLH, tPHL = (1.7 ns/pF) CL + 135 ns
tPLH, tPHL = (0.66 ns/pF) CL + 62 ns
tPLH, tPHL = (0.5 ns/pF) CL + 45 ns
tPLH,
tPHL
5.0
10
15
220
95
70
440
190
140
ns
Propagation Delay Time — E to Output
tPLH, tPHL = (1.7 ns/pF) CL + 115 ns
tPLH, tPHL = (0.66 ns/pF) CL + 52 ns
tPLH, tPHL = (0.5 ns/pF) CL + 40 ns
tPLH,
tPHL
5.0
10
15
200
85
65
400
170
130
ns
7. The formulas given are for the typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Dynamic Power Dissipation Signal Waveforms
Figure 2. Dynamic Signal Waveforms
All 8 outputs connect to respective CL loads.
f in respect to a system clock.
INPUT E LOW
20 ns
20 ns
90%
50%
10%
2f
1
VDD
VSS
VDD
VSS
VOH
VOL
A INPUTS
(50% DUTY CYCLE)
B INPUTS
(50% DUTY CYCLE)
OUTPUT Q1
20 ns
20 ns
VDD
VSS
VOH
VOL
VOH
VOL
90%
50%
10%
90%
50%
10%
90%
50%
10%
tPLH
tTLH
tPHL
tPHL
tTHL
tPLH
tTLH
tTHL
INPUT A HIGH, INPUT E LOW
INPUT B
OUTPUT Q3
MC14556B
OUTPUT Q3
MC14555B
LOGIC DIAGRAM
(1/2 of Dual)
* Eliminated for MC14555B
*
*
*
*
Q0
Q1
Q2
Q3
E
B
A


Similar Part No. - MC14555BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14555BFEL ONSEMI-MC14555BFEL Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
MC14555BFELG ONSEMI-MC14555BFELG Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
MC14555BFELG ONSEMI-MC14555BFELG Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
More results

Similar Description - MC14555BFEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
logo
STMicroelectronics
HCF4555B STMICROELECTRONICS-HCF4555B Datasheet
524Kb / 10P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT HIGH ON SELECT
September 2001
HCF4556 STMICROELECTRONICS-HCF4556 Datasheet
435Kb / 9P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT LOW ON SELECT
September 2001
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com