Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTS2010SMD Datasheet(PDF) 2 Page - Humirel

Part # HTS2010SMD
Description  TEMPERATURE AND RELATIVE HUMIDITY SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTS2010SMD Datasheet(HTML) 2 Page - Humirel

  HTS2010SMD Datasheet HTML 1Page - Humirel HTS2010SMD Datasheet HTML 2Page - Humirel HTS2010SMD Datasheet HTML 3Page - Humirel HTS2010SMD Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CHARACTERISTICS (CONT)
Characteristics
Symbol
Min.
Typ.
Max.
Unit.
Temperature coefficient at 55 % RH / 10 to 40°C
Tcc+ 0.04
pF/°C
Humidity Hysteresis
+/-1.5
% RH
Deviation to typical curve (see below) (10 % to 90 % RH)
+/-2
% RH
Supply voltage
Vs
1
5
10
Vac
Leakage current (Vs = 5 volts)
1nA
Characteristics
Symbol
Min.
Typ.
Max.
Unit.
Nominal resistance @ 25°C
10
k
Beta value : B25/100
B3600
3730
3800
Temperature measuring range
Ta
- 40
100
°C
Nominal Resistance Tolerance*
Rn
2
3
%
B value tolerance
B3
%
Response Time
τ
10
s
Humidity sensor
Temperature sensor
Typical response curve of HTS2010SMD in humidity
Typical temperature output
TECHNICAL DATA
2
Humirel Sensor Device Data / HPC008 Rev E September 2002
205
200
195
190
185
180
175
170
165
160
010
20
30
4050
6070
8090
100
Relative Humidity (% RH)
Calibration data are traceable to NIST
standards through CETIAT laboratory.
Measurement frequency : 10 kHz
Ta = 25°C
Depending on the needed temperature measurement range and the
associated accuracy, we suggest two methods to access to the NTC
resistance values.
NTC resistance in
Ω at temperature T in K
C in pF, RH in %
Polynomial response :
NTC resistance in
Ω at rated temperature in K
Temperature in K
B value, material-specific constant of the NTC thermistor
Base of natural logarithm (e = 2,71828)
°C
ohm
ohm
°C
R NTC standardized
R NTC exponential
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
The actual characteristic of an NTC thermistor can, however, only be
roughly described by the exponential relation, as the material parame-
ter B in reality also depends on temperature. So this approach is only
suitable for describing a restricted range around the rated temperature
or resistance with sufficient accuracy.
For practical applications a more precise description of the real R/T
curve may be required. Either more complicated approaches (e.g the
Steinhart-Hart equation) are used or the resistance/temperature rela-
tion as given in tabulated from. These standardized curves have been
experimentally determined with utmost accuracy ; they are aslo availa-
ble for temperature increments of 1 degree.
262960
194110
144790
109030
82923
63591
49204
38279
30029
23773
18959
15207
12280
10000
8178
6734
5575
4636
3874
3237
2720
2304
1960
1674
1432
1235
1067
927
809
°C
ohm
ohm
°C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
52000
40500
31000
24500
19300
15400
12350
10000
8140
6670
5500
4550
3800
3180
2690
2270
1940
1650
1430
1230
1070
925
810
x
1
2
*Tighter tolerance available on request
*Tighter tolerance available on request
(Ta = 25°C, measurement frequency @ 10 kHz unless otherwise noted)


Similar Part No. - HTS2010SMD

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
HTS201 EPLUSE-HTS201 Datasheet
1,010Kb / 9P
   Room Sensor for Relative Humidity and Temperature
10-2023
More results

Similar Description - HTS2010SMD

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
   Temperature and Relative Humidity Sensor
logo
Renesas Technology Corp
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
logo
List of Unclassifed Man...
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
   Digital relative humidity & temperature sensor
logo
Renesas Technology Corp
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
logo
List of Unclassifed Man...
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
   Digital relative humidity & temperature sensor
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
   Digital relative humidity & temperature sensor
logo
Renesas Technology Corp
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com