Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6662 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6662
Description  DirectFet Power MOSFET Typical values (unless otherwise specified)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6662 Datasheet(HTML) 5 Page - International Rectifier

  IRF6662 Datasheet HTML 1Page - International Rectifier IRF6662 Datasheet HTML 2Page - International Rectifier IRF6662 Datasheet HTML 3Page - International Rectifier IRF6662 Datasheet HTML 4Page - International Rectifier IRF6662 Datasheet HTML 5Page - International Rectifier IRF6662 Datasheet HTML 6Page - International Rectifier IRF6662 Datasheet HTML 7Page - International Rectifier IRF6662 Datasheet HTML 8Page - International Rectifier IRF6662 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6662
www.irf.com
5
Fig 13. Typical Threshold Voltage vs.
Junction Temperature
Fig 12. Maximum Drain Current vs. Ambient Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
140
160
ID
TOP
1.6A
1.9A
BOTTOM 4.9A
0
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY RDS(on)
TA = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VSD, Source-to-Drain Voltage (V)
0
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
2.0
3.0
4.0
5.0
6.0
7.0
ID = 100µA
ID = 250µA
ID = 1.0mA
ID = 1.0A


Similar Part No. - IRF6662

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6662PBF IRF-IRF6662PBF Datasheet
253Kb / 10P
   DirectFET??Power MOSFET
IRF6662PBF IRF-IRF6662PBF Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF6662TRPBF IRF-IRF6662TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6662TRPBF IRF-IRF6662TRPBF Datasheet
253Kb / 10P
   DirectFET??Power MOSFET
More results

Similar Description - IRF6662

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6655 IRF-IRF6655 Datasheet
257Kb / 10P
   DirectFET Power MOSFET Typical values (unless otherwise specified)
IRF6643TRPBF IRF-IRF6643TRPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET - Typical value (unless otherwise specified)
IRF6645 IRF-IRF6645 Datasheet
245Kb / 9P
   DirectFET Power MOSFET Typical calues (unless otherwise specified)
logo
PIC GmbH
PFC-2416-3 PIC-PFC-2416-3 Datasheet
42Kb / 1P
   Nominal values unless otherwise specified
PFC-2416-4 PIC-PFC-2416-4 Datasheet
47Kb / 1P
   Nominal values unless otherwise specified
logo
Texas Instruments
LMP7702MA-NOPB TI-LMP7702MA-NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Unless Otherwise Noted, Typical Values at Vs = 5V
logo
Pulse A Technitrol Comp...
C2268FNL PULSE-C2268FNL Datasheet
110Kb / 1P
   UNLESS OTHERWISE SPECIFIED
C3027NL PULSE-C3027NL Datasheet
185Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2454FNL PULSE-E2454FNL Datasheet
275Kb / 2P
   UNLESS OTHERWISE SPECIFIED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com