Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1821AIGW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1821AIGW
Description  16-Bit, Ultra Precise, Fast Settling VOUT DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821AIGW Datasheet(HTML) 5 Page - Linear Technology

  LTC1821AIGW Datasheet HTML 1Page - Linear Technology LTC1821AIGW Datasheet HTML 2Page - Linear Technology LTC1821AIGW Datasheet HTML 3Page - Linear Technology LTC1821AIGW Datasheet HTML 4Page - Linear Technology LTC1821AIGW Datasheet HTML 5Page - Linear Technology LTC1821AIGW Datasheet HTML 6Page - Linear Technology LTC1821AIGW Datasheet HTML 7Page - Linear Technology LTC1821AIGW Datasheet HTML 8Page - Linear Technology LTC1821AIGW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1821
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
3.0
1
234
1821 G07
57
6
2.5
DIGITAL INPUT CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
16384
32768
1821 G08
– 0.6
0.6
0.8
0.2
49152
65535
DIGITAL INPUT CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
16384
32768
1821 G09
– 0.6
0.6
0.8
0.2
49152
65535
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G10
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G11
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G12
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1821 G13
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
SUPPLY VOLTAGE (V)
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1821 G14
– 0.6
0.6
0.8
0.2
3
6
7
VREF = 10V
VREF = 10V
VREF = 2.5V
VREF = 2.5V
SUPPLY VOLTAGE (V)
–2.0
–1.0
– 0.5
0
2.0
1.0
2
4
5
1821 G15
–1.5
1.5
0.5
3
6
7
VREF = 10V
VREF = 10V
VREF = 2.5V
VREF = 2.5V
Logic Threshold vs VCC Supply
Voltage
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Integral Nonlinearity vs Reference
Voltage in Unipolar Mode
Integral Nonlinearity vs Reference
Voltage in Bipolar Mode
Differential Nonlinearity vs
Reference Voltage in Unipolar Mode
Differential Nonlinearity vs
Reference Voltage in Bipolar Mode
Integral Nonlinearity vs VCC Supply
Voltage in Unipolar Mode
Integral Nonlinearity vs VCC Supply
Voltage in Bipolar Mode


Similar Part No. - LTC1821AIGW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1821 LINER-LTC1821 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1821 LINER-LTC1821 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
More results

Similar Description - LTC1821AIGW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
DC812A LINER-DC812A_15 Datasheet
109Kb / 1P
   SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
logo
Analog Devices
AD5399 AD-AD5399 Datasheet
336Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
logo
Linear Technology
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
logo
Analog Devices
FS-125 AD-FS-125_15 Datasheet
2Mb / 8P
   FAST SETTLING
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
Texas Instruments
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com